Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Si4356
Rev 1.2
17
Figure 7. Device Reset Control and Timing
6. Additional Features
6.1. System Clock Output
A clock output is available on CLK_OUT (pin 10) of the Si4356, which can be used to drive an external MCU and
avoid the need for additional oscillators in the application. The clock signal is valid when MSTAT is low. The clock
frequency is set to 10 MHz for 315 MHz RX frequency selection and 15 MHz for all other frequencies. If this clock
signal is not needed, then it can be turned off by connecting CLK_OUT (pin 10) to MSTAT/OUT0 (pin 12). The
clock signal is turned off during Standby and Device Reset modes.
2mA
3mA
9mA
10ms
8.5ms
1ms
12mA
12mA
>1 ms
RST
(Pin2)
Total
Current
MSTAT
(Pin12)
RX_ DATA
(Pin14)
CLK_OUT
(Pin10)
2.9Vp-p
2.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com