Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 113 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 113 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 109Page - Silicon Laboratories EM351-RTR Datasheet HTML 110Page - Silicon Laboratories EM351-RTR Datasheet HTML 111Page - Silicon Laboratories EM351-RTR Datasheet HTML 112Page - Silicon Laboratories EM351-RTR Datasheet HTML 113Page - Silicon Laboratories EM351-RTR Datasheet HTML 114Page - Silicon Laboratories EM351-RTR Datasheet HTML 115Page - Silicon Laboratories EM351-RTR Datasheet HTML 116Page - Silicon Laboratories EM351-RTR Datasheet HTML 117Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 241 page
background image
113
Rev 1.3
SC1_RXERRB: Address: 0x4000C838 Reset: 0x0
SC2_RXERRB: Address: 0x4000C038 Reset: 0x0
Register 8.32. SCx_RXERRB
SC1_RXERRB: DMA First Receive Error Register B
SC2_RXERRB: DMA First Receive Error Register B
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXERRB
Bit
7
6
5
4
3
2
1
0
Name
SC_RXERRB
Bitname
Bitfield
Access
Description
SC_RXERRB
[13:0]
R
The offset from the start of DMA receive buffer B of the first byte received
with a parity, frame, or overflow error. Note that an overflow error occurs at
the input to the receive FIFO, so this offset is 4 bytes before the overflow
position. If there is no error, it reads zero. This register will not be updated
by subsequent errors until the buffer unloads and is reloaded, or the receive
DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com