Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 117 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 117 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 113Page - Silicon Laboratories EM351-RTR Datasheet HTML 114Page - Silicon Laboratories EM351-RTR Datasheet HTML 115Page - Silicon Laboratories EM351-RTR Datasheet HTML 116Page - Silicon Laboratories EM351-RTR Datasheet HTML 117Page - Silicon Laboratories EM351-RTR Datasheet HTML 118Page - Silicon Laboratories EM351-RTR Datasheet HTML 119Page - Silicon Laboratories EM351-RTR Datasheet HTML 120Page - Silicon Laboratories EM351-RTR Datasheet HTML 121Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 241 page
background image
117
Rev 1.3
and External Trigger Synchronization" on page 136 to get more details on counter enabling.
Note that the actual counter enable signal CNT_EN is set one clock cycle after TIM_CEN.
Note:
When the EM35x enters debug mode and the ARM® CortexTM-M3 core is halted, the counters continue to run normally.
9.3.1.1. Prescaler
The prescaler can divide the counter clock frequency by power of two from 1 through 32768. It is based on a 16-bit
counter controlled through the 4-bit TIM_PSCEXP bit field in the TIMx_PSC register. The factor by which the
counter is divided is two raised to the power TIM_PSCEXP (2TIM_PSCEXP).
It can be changed on the fly as this control register is buffered. The new prescaler ratio is used starting at the next
UEV.
Figure 9.2 gives an example of the counter behavior when the prescaler ratio is changed on the fly.
Figure 9.2. Counter Modes
9.3.2. Counter Modes
9.3.2.1. Up-Counting Mode
In up-counting mode, the counter counts from 0 to the auto-reload value (contents of the TIMx_ARR register), then
restarts from 0 and generates a counter overflow event.
A UEV can be generated at each counter overflow, by setting the TIM_UG bit in the TIMx_EGR register, or by
using the slave mode controller.
Software can disable the UEV by setting the TIM_UDIS bit in the TIMx_CR1 register, to avoid updating the shadow
registers while writing new values in the buffer registers. No UEV will occur until the TIM_UDIS bit is written to 0.
Both the counter and the prescaler counter restart from 0, but the prescale rate does not change. In addition, if the
TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit generates a UEV but without setting the
INT_TIMUIF flag. Thus no interrupt request is sent. This avoids generating both update and capture interrupts
when clearing the counter on the capture event.
When a UEV occurs, the update flag (the INT_TIMUIF bit in the INT_TIMxFLAG register) is set (unless TIM_URS
is 1) and the following registers are updated:

The buffer of the prescaler is reloaded with the buffer value (contents of the TIMx_PSC register).

The auto-reload shadow register is updated with the buffer value (TIMx_ARR).
Figures 9.3, 9.4, 9.5, and 9.6 show some examples of the counter behavior for different clock frequencies when
TIMx_ARR = 0x36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com