Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 142 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 142 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 138Page - Silicon Laboratories EM351-RTR Datasheet HTML 139Page - Silicon Laboratories EM351-RTR Datasheet HTML 140Page - Silicon Laboratories EM351-RTR Datasheet HTML 141Page - Silicon Laboratories EM351-RTR Datasheet HTML 142Page - Silicon Laboratories EM351-RTR Datasheet HTML 143Page - Silicon Laboratories EM351-RTR Datasheet HTML 144Page - Silicon Laboratories EM351-RTR Datasheet HTML 145Page - Silicon Laboratories EM351-RTR Datasheet HTML 146Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 241 page
background image
Rev 1.3
142
Figure 9.35. Triggering Timer 2 with Enable of Timer 1
9.3.14.4. Starting both Timers Synchronously in Response to an External Trigger
This example sets the enable of Timer 1 when its TI1 input rises, and the enable of Timer 2 with the enable of Timer
1. To ensure the counters are aligned, Timer 1 must be configured in master/slave mode (slave with respect to TI1,
master with respect to Timer 2):

Configure Timer 1 in master mode to send its Enable as trigger output: Write TIM_MMS = 001 in the
TIM1_CR2 register.

Configure Timer 1 slave mode to get the input trigger from TI1: Write TIM_TS = 100 in the TIM1_SMCR
register.

Configure Timer 1 in trigger mode: Write TIM_SMS = 110 in the TIM1_SMCR register.

Configure the Timer 1 in master/slave mode: Write TIM_MSM = 1 in the TIM1_SMCR register.

Configure Timer 2 to get the input trigger from Timer 1: Write TIM_TS = 000 in the TIM2_SMCR register.

Configure Timer 2 in trigger mode: Write TIM_SMS = 110 in the TIM2_SMCR register.
When a rising edge occurs on TI1 (Timer 1), both counters start counting synchronously on the internal clock and
both timers’ INT_TIMTIF flags are set. Figure 9.36 shows this in operation.
Note:
In this example both timers are initialized before starting by setting their respective TIM_UG bits. Both counters starts
from 0, but an offset can be inserted between them by writing any of the counter registers (TIMx_CNT). The master/
slave mode inserts a delay between CNT_EN and CK_PSC on Timer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com