Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 145 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 145 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 141Page - Silicon Laboratories EM351-RTR Datasheet HTML 142Page - Silicon Laboratories EM351-RTR Datasheet HTML 143Page - Silicon Laboratories EM351-RTR Datasheet HTML 144Page - Silicon Laboratories EM351-RTR Datasheet HTML 145Page - Silicon Laboratories EM351-RTR Datasheet HTML 146Page - Silicon Laboratories EM351-RTR Datasheet HTML 147Page - Silicon Laboratories EM351-RTR Datasheet HTML 148Page - Silicon Laboratories EM351-RTR Datasheet HTML 149Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 241 page
background image
145
Rev 1.3
9.5. Registers
Note:
Substitute “1” or “2” for “x” in the following detailed descriptions.
TIM1_CR1: Address: 0x4000E000 Reset: 0x0
TIM2_CR1: Address: 0x4000F000 Reset: 0x0
Register 9.1. TIMx_CR1
TIM1_CR1: Timer 1 Control Register 1
TIM2_CR1: Timer 2 Control Register 1
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
TIM_ARBE
TIM_CMS
TIM_DIR
TIM_OPM
TIM_URS
TIM_UDIS
TIM_CEN
Bitname
Bitfield
Access
Description
TIM_ARBE
[7]
RW
Auto-Reload Buffer Enable.
0: TIMx_ARR register is not buffered.
1: TIMx_ARR register is buffered.
TIM_CMS
[6:5]
RW
Center-aligned Mode Selection.
00: Edge-aligned mode. The counter counts up or down depending on the direction bit
(TIM_DIR).
01: Center-aligned mode 1. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (TIM_CCyS=00 in TIMx_C-
CMRy register) are set only when the counter is counting down.
10: Center-aligned mode 2. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (TIM_CCyS=00 in TIMx_C-
CMRy register) are set only when the counter is counting up.
11: Center-aligned mode 3. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (TIM_CCyS=00 in TIMx_C-
CMRy register) are set both when the counter is counting up or down.
Note:
Software may not switch from edge-aligned mode to center-aligned mode when
the counter is enabled (TIM_CEN = 1).
TIM_DIR
[4]
RW
Direction.
0: Counter used as up-counter.
1: Counter used as down-counter.
TIM_OPM
[3]
RW
One Pulse Mode.
0: Counter does not stop counting at the next UEV.
1: Counter stops counting at the next UEV (and clears the bit TIM_CEN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com