Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 149 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 149 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 145Page - Silicon Laboratories EM351-RTR Datasheet HTML 146Page - Silicon Laboratories EM351-RTR Datasheet HTML 147Page - Silicon Laboratories EM351-RTR Datasheet HTML 148Page - Silicon Laboratories EM351-RTR Datasheet HTML 149Page - Silicon Laboratories EM351-RTR Datasheet HTML 150Page - Silicon Laboratories EM351-RTR Datasheet HTML 151Page - Silicon Laboratories EM351-RTR Datasheet HTML 152Page - Silicon Laboratories EM351-RTR Datasheet HTML 153Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 241 page
background image
149
Rev 1.3
TIM_ETF
[11:8]
RW
External Trigger Filter.
This defines the frequency used to sample the ETRP signal, Fsampling, and
the length of the digital filter applied to ETRP. The digital filter is made of an
event counter in which N events are needed to validate a transition on the
output:
0000: Fsampling = PCLK, no filtering.
0001: Fsampling = PCLK, N = 2.
0010: Fsampling = PCLK, N = 4.
0011: Fsampling = PCLK, N = 8.
0100: Fsampling = PCLK/2, N = 6.
0101: Fsampling = PCLK/2, N = 8.
0110: Fsampling = PCLK/4, N = 6.
0111: Fsampling = PCLK/4, N = 8.
1000: Fsampling = PCLK/8, N = 6.
1001: Fsampling = PCLK/8, N = 8.
1010: Fsampling = PCLK/16, N = 5.
1011: Fsampling = PCLK/16, N = 6.
1100: Fsampling = PCLK/16, N = 8.
1101: Fsampling = PCLK/32, N = 5.
1110: Fsampling = PCLK/32, N = 6.
1111: Fsampling = PCLK/32, N = 8.
Note:
PCLK is 12 MHz when the EM35x is using the 24 MHz crystal oscillator, and
6 MHz if using the 12 MHz RC oscillator.
TIM_MSM
[7]
RW
Master/Slave Mode.
0: No action.
1: The effect of an event on the trigger input (TRGI) is delayed to allow exact
synchronization between the current timer and the slave (through TRGO). It is
useful for synchronizing timers on a single external event.
TIM_TS
[6:4]
RW
Trigger Selection.
This bit field selects the trigger input used to synchronize the counter.
000 : Internal Trigger 0 (ITR0).
100 : TI1 Edge Detector (TI1F_ED).
101 : Filtered Timer Input 1 (TI1FP1).
110 : Filtered Timer Input 2 (TI2FP2).
111 : External Trigger input (ETRF).
Note:
These bits must be changed only when they are not used (when
TIM_SMS = 000) to avoid detecting spurious edges during the transition.
Bitname
Bitfield
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com