Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 182 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 182 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 178Page - Silicon Laboratories EM351-RTR Datasheet HTML 179Page - Silicon Laboratories EM351-RTR Datasheet HTML 180Page - Silicon Laboratories EM351-RTR Datasheet HTML 181Page - Silicon Laboratories EM351-RTR Datasheet HTML 182Page - Silicon Laboratories EM351-RTR Datasheet HTML 183Page - Silicon Laboratories EM351-RTR Datasheet HTML 184Page - Silicon Laboratories EM351-RTR Datasheet HTML 185Page - Silicon Laboratories EM351-RTR Datasheet HTML 186Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 241 page
background image
Rev 1.3
182
Table 10.9 lists other specifications for the ADC not covered in Tables 10.6, 10.7, and 10.8.
Table 10.9. ADC Specifications*
Parameter
Min
Typ
Max
Units
VREF
1.17
1.2
1.23
V
VREF output current
1
mA
VREF load capacitance
10
nF
External VREF voltage range
1.1
1.2
1.3
V
External VREF input impedance
1
M
Minimum input voltage
0
V
Maximum input voltage
VREF
V
Single-ended signal range
0
VREF
V
Differential signal range
–VREF
+VREF
V
Common mode range
0
VREF
V
Input referred ADC offset
–10
10
mV
Input Impedance
1 MHz sample clock
6 MHz sample clock
Not sampling
1
0.5
10
M
*Note:
The signal-ended ADC measurements are limited in their range and only guaranteed for accuracy within the limits
shown in this table. The ADC's internal design allows for measurements outside of this range (±200 mV), but the
accuracy of such measurements is not guaranteed. The maximum input voltage is of more interest to the differential
sampling where a differential measurement might be small, but a common mode can push the actual input voltage on
one of the signals towards the upper voltage limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com