Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 184 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 184 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 180Page - Silicon Laboratories EM351-RTR Datasheet HTML 181Page - Silicon Laboratories EM351-RTR Datasheet HTML 182Page - Silicon Laboratories EM351-RTR Datasheet HTML 183Page - Silicon Laboratories EM351-RTR Datasheet HTML 184Page - Silicon Laboratories EM351-RTR Datasheet HTML 185Page - Silicon Laboratories EM351-RTR Datasheet HTML 186Page - Silicon Laboratories EM351-RTR Datasheet HTML 187Page - Silicon Laboratories EM351-RTR Datasheet HTML 188Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 241 page
background image
Rev 1.3
184
Address: 0x4000D004 Reset: 0x00001800
Register 10.2. ADC_CFG: ADC Configuration Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
ADC_PERIOD
ADC_CFGRSVD2
ADC_MUXP
Bit
7
6
5
4
3
2
1
0
Name
ADC_MUXP
ADC_MUXN
ADC_1MHZCLK ADC_CFGRSVD ADC_ENABLE
Bitname
Bitfield Access
Description
ADC_PERIOD
[15:13]
RW
ADC sample time in clocks and the equivalent significant bits in the conversion.
0: 32 clocks (7 bits).
1: 64 clocks (8 bits).
2: 128 clocks (9 bits).
3: 256 clocks (10 bits).
4: 512 clocks (11 bits).
5: 1024 clocks (12 bits).
6: 2048 clocks (13 bits).
7: 4096 clocks (14 bits).
ADC_CFGRSVD2
[12:11]
RW
Reserved: these bits must be set to 0.
ADC_MUXP
[10:7]
RW
Input selection for the P channel.
0x0: PB5 pin.
0x1: PB6 pin.
0x2: PB7 pin.
0x3: PC1 pin.
0x4: PA4 pin.
0x5: PA5 pin.
0x8: GND (0V) (not for high voltage range).
0x9: VREF/2 (0.6 V).
0xA: VREF (1.2 V).
0xB: VDD_PADSA/2 (0.9 V) (not for high voltage range).
0x6, 0x7, 0xC-0xF: Reserved.
ADC_MUXN
[6:3]
RW
Input selection for the N channel.
Refer to ADC_MUXP above for choices.
ADC_1MHZCLK
[2]
RW
Select ADC clock: 0 = 6 MHz, 1 = 1 MHz.
ADC_CFGRSVD
[1]
RW
Reserved: this bit must always be set to 0.
ADC_ENABLE
[0]
RW
Enable the ADC: write 1 to enable continuous conversions, write 0 to stop.
When the ADC is started the first conversion takes twice the usual number of clocks
plus 21 microseconds. If anything in this register is modified while the ADC is run-
ning, the next conversion takes twice the usual number of clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com