Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 114Page - National Semiconductor (TI) PC97338 Datasheet HTML 115Page - National Semiconductor (TI) PC97338 Datasheet HTML 116Page - National Semiconductor (TI) PC97338 Datasheet HTML 117Page - National Semiconductor (TI) PC97338 Datasheet HTML 118Page - National Semiconductor (TI) PC97338 Datasheet HTML 119Page - National Semiconductor (TI) PC97338 Datasheet HTML 120Page - National Semiconductor (TI) PC97338 Datasheet HTML 121Page - National Semiconductor (TI) PC97338 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 221 page
background image
118
www.national.com
3.6.22 The VERIFY Command
The VERIFY command verifies the contents of data
and/or address fields after they have been formatted
or written.
VERIFY reads logical sectors containing a normal
data Address Mark (AM) from the selected drive, with-
out transferring the data to the host.
The TC signal cannot terminate this command since
no data is transferred. Instead, VERIFY simulates a
TC signal by setting the Enable Count (EC) bit to1. In
this case, VERIFY terminates when the number of
sectors read equals the number of sectors to read,
i.e., Sectors to read Count (SC). If SC = 0 then 256
sectors will be verified.
When EC is 0, VERIFY ends when the End of the
Track (EOT) sector number equals the number of the
sector checked. In this case, the ninth command
phase byte is not needed and should be set to FF
(hex).
Table 61 shows how different values for the VERIFY
parameters affect termination.
Command Phase
First Command Phase Byte
See READ DATA command for a description of
these bits starting on page 105.
Second Command Phase Byte
Bits 2-0 - Drive Select (DS1,0) and Head (HD)
Select
See the description of the Drive Select bits
(DS1,0) and the Head (HD) select bit in the READ
DATA command, starting on page 106.
Bit 7 - Enable Count Control (EC)
This bit controls whether the End of Track sector
number or the Sectors to read Count (SC) triggers
termination of the VERIFY command.
See also, Table 61.
0 - Terminate VERIFY when the number of the
last sector read equals the End of Track (EOT)
sector number.
The ninth command phase byte, i.e., Sectors
to read Count (SC), is not needed and should
be set to FF (hex).
1 - Terminate VERIFY when number of sectors
read equals the number of sectors to read,
i.e., Sectors to read Count (SC).
Third through Eighth Command Phase Bytes
See “The READ DATA Command” on page 105.
Always set the End of Track (EOT) sector number
to the number of the last sector to be checked on
each side of the disk. If EOT is greater than the
number of sectors per side, the command termi-
nates with an error and no useful Address Mark
(AM) or CRC data is returned.
Ninth Command Phase Byte,
Sectors to Read Count (SC)
This byte specifies the number of sectors to read.
If the Enable Count (EC) control bit (bit 7) of the
second command byte is 0, this byte is not needed
and should be set to the value FF (hex).
Execution Phase
Data is read from the disk, as the controller checks for
valid address marks in the address and data fields.
This command is identical to the READ DATA com-
mand, except that it does not transfer data during the
execution phase. See “The READ DATA Command”
on page 105.
If the Multi-Track (MT) parameter is 1 and SC is great-
er than the number of remaining formatted sectors on
side 0, verification continues on side 1 of the disk.
Result Phase
Table 61 shows how different conditions affect the ter-
mination status.
7654
3210
MT
MFM
SK
1
0110
EC
XX
XX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sectors to read Count (SC)
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com