Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 111Page - National Semiconductor (TI) PC97338 Datasheet HTML 112Page - National Semiconductor (TI) PC97338 Datasheet HTML 113Page - National Semiconductor (TI) PC97338 Datasheet HTML 114Page - National Semiconductor (TI) PC97338 Datasheet HTML 115Page - National Semiconductor (TI) PC97338 Datasheet HTML 116Page - National Semiconductor (TI) PC97338 Datasheet HTML 117Page - National Semiconductor (TI) PC97338 Datasheet HTML 118Page - National Semiconductor (TI) PC97338 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 221 page
background image
115
www.national.com
• The result phase of any of the following com-
mands started:
— READ DATA, READ DELETED DATA, READ A
TRACK, READ ID
— WRITE DATA, WRITE DELETED
— FORMAT TRACK
— SCAN EQUAL, SCAN EQUAL OR LOW,
SCAN EQUAL OR HIGH
— VERIFY
• Data is being transferred in non-DMA mode, dur-
ing the execution phase of some command.
Interrupts caused by these conditions are cleared au-
tomatically, or by reading or writing information from
or to the Data Register (FIFO).
Command Phase
Execution Phase
Status of interrupt is reported.
Result Phase
When bit 2 of the second command phase byte (ETR)
in the MODE command is set to 1, the track number
is stored as a 12-bit value. See “Bit 0 - Extended
Track Range (ETR)” on page 101.
In this case, a third result byte should be read to hold
the Most Significant Nibble (MSN), i.e., the four most
significant bits, of the number of the current track.
Otherwise (ETR bit in MODE is 0), this command
phase byte is not required. and, only two result phase
bytes should be read.
First Result Phase Byte,
Result Phase Status Register 0
See “Result Phase Status Register 0 (ST0)” on
page 88.
Second Result Phase Byte,
Present Track Number (PTR)
The value in this byte is the number of the current
track.
Third Result Phase Byte,
Bits 7-4 - MSN of Track Number
If the track number is stored as a 12-bit value,
these bits contain the Most Significant Nibble
(MSN), i.e., the four most significant bits, of the
number of the track to seek.
Otherwise (the ETR bit in the MODE command is
0), this result phase byte is not required.
3.6.20 The SET TRACK Command
This command is used to verify (read) or change
(write) the number of the present track.
This command could be useful for recovery from disk
tracking errors, where the true track number could be
read from the disk using the READ ID command, and
used as input to the SET TRACK command to correct
the Present Track number (PTR) stored internally.
Termination of this command does not generate an
interrupt
Command Phase
When bit 2 of the second command phase byte (ETR)
in the MODE command is set to 1, the track number
is stored as a 12-bit value. See “Bit 0 - Extended
Track Range (ETR)” on page 101.
In this case, issue SET TRACK twice - once for the
Most Significant Byte (MSB) of the number of the cur-
rent track and once for the Least Significant Byte
(LSB).
Otherwise (ETR bit in MODE is 0), issue SET TRACK
only once, with bit 2 (MSB) of the second command
phase byte set to 0.
First Command Phase Byte,
Bit 6 - Write Track Number (WNR)
0 - Read the existing track number.
The result phase byte already contains the
track number, and the third byte in the com-
mand phase is a dummy byte.
1 - Change the track number by writing a new val-
ue to the result phase byte.
Second Command Phase Byte
Bits 1,0 - Logical Drive Select (DS1,0)
These bits indicate which logical drive is active.
See “Bits 1,0 - Logical Drive Select (DS1,0)” on
page 96.
7654
3210
0000
1000
7654
3210
Result Phase Status Register 0 (ST0)
Byte of Present Track Number (PTR)
MSN of PTR
0000
7654
3210
0
WNR
10
0001
0011
0
MSB DS1
DS0
Byte of Present Track Number (PTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com