Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 107Page - National Semiconductor (TI) PC97338 Datasheet HTML 108Page - National Semiconductor (TI) PC97338 Datasheet HTML 109Page - National Semiconductor (TI) PC97338 Datasheet HTML 110Page - National Semiconductor (TI) PC97338 Datasheet HTML 111Page - National Semiconductor (TI) PC97338 Datasheet HTML 112Page - National Semiconductor (TI) PC97338 Datasheet HTML 113Page - National Semiconductor (TI) PC97338 Datasheet HTML 114Page - National Semiconductor (TI) PC97338 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 221 page
background image
111
www.national.com
The controller waits the Delay Before Processing time
(see Table 59 on page 117) for the selected drive.,
and then becomes idle. See “Idle Phase” on page 88.
Then, the controller issues pulses until the TRK0 disk
interface input signal becomes active or until the max-
imum number of RECALIBRATE step pulses have
been issued.
Table 54 shows the maximum number of RECALli-
BRATE step pulses that may be issued, depending on
the RECALIBRATE Step Pulses (R255) bit, bit 0 in
the second command phase byte of the MODE com-
mand (page 101), and the Extended Track Range
(ETR) bit, bit 4 of the third command byte of the
MODE command (page 101).
If the number of tracks on the disk drive exceeds the
maximum number of RECALIBRATE step pulses, it
may be necessary to issue another RECALIBRATE
command.
TABLE 54. Maximum RECALIBRATE Step Puls-
es for Values of R255 and ETR
The pulses actually occur while the controller is in the
drive polling phase. See “Drive Polling Phase” on
page 88.
An interrupt is generated after the TRK0 signal is as-
serted, or after the maximum number of RECALI-
BRATE step pulses is issued.
Software should ensure that the RECALIBRATE
command is issued for only one drive at a time. This
is because the drives are actually selected via the
Digital Output Register (DOR), which can only select
one drive at a time.
No command, except a SENSE INTERRUPT com-
mand, should be issued while a RECALIBRATE com-
mand is in progress.
Result Phase
None.
3.6.15 The RELATIVE SEEK Command
The RELATIVE SEEK command issues STEP pulses
that make the head of the selected drive step in or out
a programmable number of tracks.
Command Phase
First Command Phase Byte, Opcode,
Bit - 6 Step Direction DIR
This bit defines the step direction.
0 - Step head out.
1 - Step head in.
Second Command Phase Byte
See “Second Command Phase Byte” on page 96
for a description of the Drive Select (DS1,0) and
Head Select (HD) bits.
Third Command Phase Byte -
Relative Track Number (RTN)
This value specifies how many tracks the head
should step in or out from the current track.
Execution Phase
After the last command byte is issued, the Drive Busy
bit for the selected drive is set in the Main Status Reg-
ister (MSR). See bits 3-0 in Section 3.3.6 on page 80.
The controller waits the Delay Before Processing time
(see Table 59 on page 117) for the selected drive.,
and then becomes idle. See “Idle Phase” on page 88.
Then, the controller enters the idle phase and issues
RTN STEP pulses until the TRK0 disk interface input
signal becomes active or until the specified number
(RTN) of STEP pulses have been issued. After the
RELATIVE SEEK operation is complete, the control-
ler generates an interrupt.
Software should ensure that the RELATIVE SEEK
command is issued for only one drive at a time. This
is because the drives are actually selected via the
Digital Output Register (DOR), which can only select
one drive at a time.
No command, except the SENSE INTERRUPT com-
mand, should be issued while a RELATIVE SEEK
command is in progress.
Result Phase
None.
R255
ETR
Maximum Number of
RECALIBRATE Step Pulses
0
0
85 (default)
1
0
255
0
1
3925
1
1
4095
7654
3210
0
DIR
00
1111
XXX
XX
HD
DS1
DS0
Relative Track Number (RTN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com