Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 108Page - National Semiconductor (TI) PC97338 Datasheet HTML 109Page - National Semiconductor (TI) PC97338 Datasheet HTML 110Page - National Semiconductor (TI) PC97338 Datasheet HTML 111Page - National Semiconductor (TI) PC97338 Datasheet HTML 112Page - National Semiconductor (TI) PC97338 Datasheet HTML 113Page - National Semiconductor (TI) PC97338 Datasheet HTML 114Page - National Semiconductor (TI) PC97338 Datasheet HTML 115Page - National Semiconductor (TI) PC97338 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 221 page
background image
112
www.national.com
3.6.16 The SCAN EQUAL,
the SCAN LOW OR EQUAL and
the SCAN HIGH OR EQUAL
Commands
The scan commands compare data read from the disk
with data sent from the microprocessor. This compar-
ison produces a match for each scan command, as
follows, and as shown in Table 55:
• SCAN EQUAL - Disk data equals microproces-
sor data.
• SCAN LOW OR EQUAL - Disk data is less than
or equal to microprocessor data.
• SCAN HIGH OR EQUAL - Disk data is greater
than or equal to microprocessor data.
Command Phase
SCAN EQUAL
SCAN LOW OR EQUAL
SCAN HIGH OR EQUAL
First through Eighth Command Phase Bytes -
All Scan Commands
See READ DATA command for a description of the
first eight command phase bytes.
Ninth Command Phase Byte, Sector Step Size
During execution, the value of this byte is added to the
current sector number to determine the next sector to
read.
Execution Phase
The most significant bytes of each sector are com-
pared first. If wildcard mode is enabled in bit 4 of the
fourth command phase byte in the MODE command
(page 102), an FF (hex) from either the disk or the mi-
croprocessor always causes a match.
After each sector is read, if there is no match, the next
sector is read. The next sector is the current sector
number plus the Sector Step Size specified in the
ninth command phase byte.
The scan operation continues until the condition is
met, the End of Track (EOT) is reached or the Termi-
nal Count (TC) signal becomes active.
Read error conditions during scan commands are the
same as read error conditions during the execution
phase of the READ DATA command. See page 106.
If the Skip Control (SK) bit is set to 1, sectors with de-
leted data marks are ignored.
If all sectors read are skipped, the command termi-
nates with bit 3 of ST2 set to 1, i.e., disk data equals
microprocessor data.
7654
3210
MT
MFM
SK
1
0001
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sector Step Size
7654
3210
MT
MFM
SK
1
1001
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sector Step Size
7654
3210
MT
MFM
SK
1
1101
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sector Step Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com