Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 105Page - National Semiconductor (TI) PC97338 Datasheet HTML 106Page - National Semiconductor (TI) PC97338 Datasheet HTML 107Page - National Semiconductor (TI) PC97338 Datasheet HTML 108Page - National Semiconductor (TI) PC97338 Datasheet HTML 109Page - National Semiconductor (TI) PC97338 Datasheet HTML 110Page - National Semiconductor (TI) PC97338 Datasheet HTML 111Page - National Semiconductor (TI) PC97338 Datasheet HTML 112Page - National Semiconductor (TI) PC97338 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 221 page
background image
109
www.national.com
Result Phase
See Table 52 for the state of the result bytes when the
command terminates normally.
3.6.12 The READ ID Command
The READ ID command finds the next available ad-
dress field and returns the ID bytes (track number,
head number, sector number, bytes-per-sector code)
to the microprocessor in the result phase.
The controller reads the first ID Field header bytes it
can find and reports these bytes to the system in the
result bytes.
Command Phase
After the last command phase byte is written, the con-
troller waits the Delay Before Processing time (see
Table 59 on page 117) for the selected drive. During
this time, the drive motor must be turned on by en-
abling the appropriate drive and motor select disk in-
terface output signals via the bits of the Digital Output
Register (DOR). See “Digital Output Register (DOR),
Offset 010” on page 77.
First Command Phase Byte, Opcode
See “Bit 6 - Modified Frequency Modulation
(MFM)” on page 96.
Second Command Phase Byte
See “Second Command Phase Byte” on page 96
for a description of the Drive Select (DS1,0) and
Head Select (HD) bits.
Execution Phase
There is no data transfer during the execution phase
of this command. An interrupt is generated when the
execution phase is completed.
The READ ID command does not perform an implied
seek.
After waiting the Delay Before Processing time, the
controller starts the data separator and waits for the
data separator to find the address field of the next
sector. If an error condition occurs, the Interrupt Code
(IC) bits in ST0 are set to abnormal termination (01),
and the controller enters the result phase.
Possible errors are:
• The microprocessor aborted the command by writ-
ing to the FIFO.
If there is no disk in the drive, the controller gets
stuck. The microprocessor must then write a byte
to the FIFO to advance the controller to the result
phase.
• Two pulses of the INDEX signal were detected
since the search began, and no Address Mark
(AM) was found.
When the Address Mark (AM) is not found, the
Missing Address Mark bit (bit 0) is set in ST1. Sec-
tion 3.5.2 on page 89 describes the bits of ST1.
Result Phase
3.6.13 The READ A TRACK Command
The READ A TRACK command reads sectors from
the selected drive, in physical order, and makes the
data available to the host.
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
7654
3210
0
MFM
00
1010
XXX
XX
HD
DS1
DS0
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com