Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 109Page - National Semiconductor (TI) PC97338 Datasheet HTML 110Page - National Semiconductor (TI) PC97338 Datasheet HTML 111Page - National Semiconductor (TI) PC97338 Datasheet HTML 112Page - National Semiconductor (TI) PC97338 Datasheet HTML 113Page - National Semiconductor (TI) PC97338 Datasheet HTML 114Page - National Semiconductor (TI) PC97338 Datasheet HTML 115Page - National Semiconductor (TI) PC97338 Datasheet HTML 116Page - National Semiconductor (TI) PC97338 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 221 page
background image
113
www.national.com
Result Phase
Table 55 shows how all the scan commands affect
bits 3,2 of the Status 2 (ST2) result phase register.
See “Result Phase Status Register 2 (ST2)” on page
90.
TABLE 55. The Effect of Scan Commands on the
ST2 Register
3.6.17 The SEEK Command
The SEEK command issues pulses of the STEP sig-
nal to the selected drive, to move it in or out until the
desired track number is reached.
Software should ensure that the SEEK command is
issued for only one drive at a time. This is because the
drives are actually selected via the Digital Output
Register (DOR), which can only select one drive at a
time. See “Digital Output Register (DOR), Offset 010”
on page 77.
No command, except a SENSE INTERRUPT com-
mand, should be issued while a SEEK command is in
progress.
Command Phase
When bit 2 of the second command phase byte (ETR)
in the MODE command is set to 1, the track number
is stored as a 12-bit value. See “Bit 0 - Extended
Track Range (ETR)” on page 101.
In this case, a fourth command byte should be written
in the command phase to hold the Most Significant
Nibble (MSN), i.e., the four most significant bits, of the
number of the track to seek. Otherwise (ETR bit in
MODE is 0), this command phase byte is not required.
and, only three command bytes should be written.
After the last command byte is issued, the Drive Busy
bit for the selected drive is set in the Main Status Reg-
ister (MSR). See bits 3-0 in Section 3.3.6 on page 80.
The controller waits the Delay Before Processing time
(see Table 59 on page 117) for the selected drive, be-
fore issuing the first STEP pulse. After waiting the De-
lay Before Processing time, the controller becomes
idle. See “Idle Phase” on page 88.
Second Command Phase Byte
See READ DATA command for a description of
these bits.
Third Command Phase Byte,
Number of Track to Seek
The value in this byte is the number of the track to
seek.
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
Command
Result Phase Status
Register 2 (ST2)
Condition
Bit 3 - Scan
Satisfied
Bit 2 - Scan
Not Satisfied
SCAN
EQUAL
1
0
0
1
Disk =
µP
Disk
≠ µP
SCAN LOW
OR EQUAL
1
0
0
0
0
1
Disk =
µP
Disk <
µP
Disk >
µP
SCAN
HIGH
OR EQUAL
1
0
0
0
0
1
Disk =
µP
Disk >
µP
Disk <
µP
7654
3210
0000
1111
XXX
XX
HD
DS1
DS0
Number of Track to Seek
MSN of Track # to Seek
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com