Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 125Page - National Semiconductor (TI) PC97338 Datasheet HTML 126Page - National Semiconductor (TI) PC97338 Datasheet HTML 127Page - National Semiconductor (TI) PC97338 Datasheet HTML 128Page - National Semiconductor (TI) PC97338 Datasheet HTML 129Page - National Semiconductor (TI) PC97338 Datasheet HTML 130Page - National Semiconductor (TI) PC97338 Datasheet HTML 131Page - National Semiconductor (TI) PC97338 Datasheet HTML 132Page - National Semiconductor (TI) PC97338 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 221 page
background image
129
www.national.com
4.3.3
SPP or EPP Data Register (DTR),
Offset 0
The DTR register is the SPP Compatible or SPP Ex-
tended data register. A write to DTR sets the state of
the eight data pins on the 25-pin D-shell connector.
FIGURE 64. DTR Register Bitmap (EPP Mode)
4.3.4
SPP or EPP Status Register (STR),
Offset 1
This status port is read only. A read presents the cur-
rent status of the five pins on the 25-pin D-shell con-
nector, and the IRQ as shown in Figure 65.
FIGURE 65. STR Register Bitmap (EPP Mode)
The bits of this register have the identical function in
EPP mode as in SPP mode. See Section 4.2.4 for a
detailed description of each bit.
4.3.5
SPP or EPP Control Register
(CTR), Offset 2
This control port is read or write. A write operation to
it sets the state of four pins on the 25-pin D-shell con-
nector, and controls both the parallel port interrupt en-
able and direction.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 0
Offset 4
EPP Device
Read or Write
Bits 7-0
D2
D4
D5
D6
D7
D0
D1
D3
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 1
Offset 5
D10
D12
D13
D14
D15
D8
D9
D11
EPP Device
Read or Write
Bits 15-8
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 2
Offset 6
D18
D20
D21
D22
D23
D16
D17
D19
EPP Device
Read or Write
Bits 23-16
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 3
Offset 7
D26
D28
D29
D30
D31
D24
D25
D27
EPP Device
Read or Write
Bits 31-24
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
SPP or EPP Data
Register (DTR)
Offset 0
D2
D4
D5
D6
D7
D0
D1
D3
76
54
321
0
Reset
Required
1
1
1
1
1
1
1
1
SPP or EPP Status
Register (STR)
Offset 1
IRQ Status
SLCT Status
PE Status
Time-Out Status
Reserved
ERR Status
ACK Status
Printer Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com