Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 127Page - National Semiconductor (TI) PC97338 Datasheet HTML 128Page - National Semiconductor (TI) PC97338 Datasheet HTML 129Page - National Semiconductor (TI) PC97338 Datasheet HTML 130Page - National Semiconductor (TI) PC97338 Datasheet HTML 131Page - National Semiconductor (TI) PC97338 Datasheet HTML 132Page - National Semiconductor (TI) PC97338 Datasheet HTML 133Page - National Semiconductor (TI) PC97338 Datasheet HTML 134Page - National Semiconductor (TI) PC97338 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 221 page
background image
131
www.national.com
4.3.10 EPP Data Port 3, Offset 7
This is the fourth EPP data port. It is only accessed to
transfer bits 24 to 31 of a 32-bit read or write to data
port 0.
FIGURE 71. EPP Data Port 3 Bitmap
4.3.11 EPP Mode Transfer Operations
The EPP transfer operations are: address read or
write, and data read or write. An EPP transfer opera-
tion is composed of a system read or write cycle (from
or to an EPP register) and an EPP read or write cycle
(from a peripheral device to an EPP register, or from
an EPP register to a peripheral device).
EPP 1.7 Address Write
The following procedure selects a peripheral device
or register as illustrated in Figure 72.
1. The system writes a byte to the EPP address reg-
ister.
WR becomes low to latch D7-0 into the address
register. The latch drives the address register onto
PD7-0 and the EPP pulls WRITE low.
2. The EPP pulls ASTRB low to indicate that data
was sent.
3. If WAIT was low during the system write cycle, IO-
CHRDY becomes low. When WAIT becomes
high, the EPP pulls IOCHRDY high.
4. When IOCHRDY becomes high, it causes WR to
become high. If WAIT is high during the system
write cycle, then the EPP does not pull IOCHRDY
to low.
5. When WR becomes high, it causes the EPP to pull
ASTRB to high, and then to pull WRITE to high.
The EPP can change PD7-0 only when WRITE
and ASTRB are both high.
FIGURE 72. EPP 1.7 Address Write
EPP 1.7 Address Read
The following procedure reads from the address reg-
ister as shown in Figure 73.
1. The system reads a byte from the EPP address
register. RD goes low to gate PD7-0 into D7-0.
2. The EPP pulls ASTRB low to signal the peripheral
to start sending data.
3. If WAIT is low during the system read cycle. Then
the EPP pulls IOCHRDY low. When WAIT be-
comes high, the EPP stops pulling IOCHRDY to
low.
4. When IOCHRDY becomes high, it causes RD to
become high. If WAIT is high during the system
read cycle then the EPP does not pull IOCHRDY
to low.
5. When RD becomes high, it causes the EPP to pull
ASTRB high. The EPP can change PD7-0 only
when ASTRB is high. After ASTRB becomes high,
the EPP puts D7-0 in TRI-STATE.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 3
Offset 7
D26
D28
D29
D30
D31
D24
D25
D27
EPP Device
Read or Write
Bits 31-24
D7-0
WR
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com