Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 132Page - National Semiconductor (TI) PC97338 Datasheet HTML 133Page - National Semiconductor (TI) PC97338 Datasheet HTML 134Page - National Semiconductor (TI) PC97338 Datasheet HTML 135Page - National Semiconductor (TI) PC97338 Datasheet HTML 136Page - National Semiconductor (TI) PC97338 Datasheet HTML 137Page - National Semiconductor (TI) PC97338 Datasheet HTML 138Page - National Semiconductor (TI) PC97338 Datasheet HTML 139Page - National Semiconductor (TI) PC97338 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 221 page
background image
136
www.national.com
4.4.5
ECP Data Register (DATAR),
Bits 7-5 of ECR = 000 or 001,
Offset 000h
The ECP Data Register (DATAR) register is the same
as the DTR register (see Section 4.2.3), except that a
read always returns the values of the PD7-0 signals
instead of the register latched data.
FIGURE 77. DATAR Register Bitmap
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Parallel Port FIFO
Register (CFIFO)
Offset 400h
Reset
Required
ECP Data FIFO
Register (DFIFO)
Offset 400h
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Test FIFO
Register (TFIFO)
Offset 400h
Bits 7-5 of ECR = 010
Bits 7-5 of ECR = 011
Bits 7-5 of ECR = 110
76
54
321
0
Reset
Required
0
0
1
0
1
0
0
0
0
0
1
1
0
0
0
Configuration Register A
(CNFGA)
Offset 400h
Always 0
Always 0
Always 0
Bit 5 of ASC
Bits 7-5 of ECR = 111
7
6
5
432
10
0
0
0
0
0
0
0
0
Data Bits
D0 - D7
Data Bits
D0 - D7
Data Bits
D0 - D7
Always 0
Always 0
Always 1
Always 1
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Configuration Register B
(CNFGB)
Offset 401h
Reserved
Interrupt Select
IRQ Signal Value
Reserved
DMA Channel Select
Bits 7-5 of ECR = 111
76
54
321
0
Reset
Required
1
0
1
0
1
0
0
0
Extended Control
(ECR)
Offset 402h
ECP Service
ECP Interrupt Mask
ECP Mode Control
ECP DMA Enable
FIFO Full
All ECP Modes
FIFO Empty
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
ECP Data Register
(DATAR)
Offset 000h
D2
D4
D5
D6
D7
D0
D1
D3
Bits 7-5 of ECR = 000 or 001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com