Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 135Page - National Semiconductor (TI) PC97338 Datasheet HTML 136Page - National Semiconductor (TI) PC97338 Datasheet HTML 137Page - National Semiconductor (TI) PC97338 Datasheet HTML 138Page - National Semiconductor (TI) PC97338 Datasheet HTML 139Page - National Semiconductor (TI) PC97338 Datasheet HTML 140Page - National Semiconductor (TI) PC97338 Datasheet HTML 141Page - National Semiconductor (TI) PC97338 Datasheet HTML 142Page - National Semiconductor (TI) PC97338 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 221 page
background image
139
www.national.com
In the backward direction (bit 5 of DCR is 1), the ECP
automatically issues ECP read cycles to fill the FIFO.
Reading from this register pops a byte from the FIFO.
Writing to this register when it is set for read-only has
no effect, and the data written is ignored.
FIGURE 82. DFIFO Register Bitmap
4.4.11 Test FIFO (TFIFO) Register,
Bits 7-5 of ECR = 110, Offset 400h
A byte written into the Test FIFO (TFIFO) register is
pushed into the FIFO. A byte read from this register is
popped from the FIFO. The ECP does not issue an
ECP cycle to transfer the data to or from the peripher-
al device.
The TFIFO is readable and writable in both directions.
In the forward direction (bit 5 of DCR is 0) PD7-0 are
driven, but the data is undefined.
The FIFO does not stall when overwritten or underrun
(access is ignored). Bytes are always read from the
top of the FIFO, regardless of the direction bit setting
(bit 5 of DCR). For example if 44h, 33h, 22h, 11h is
written into the FIFO, reading the FIFO returns 44h,
33h, 22h, 11h (in the same order it was written).
FIGURE 83. TFIFO Register Bitmap
4.4.12 Configuration Register A
(CNFGA), Bits 7-5 of ECR = 111,
Offset 400h
This register is read only. Reading CNFGA always re-
turns 100 on bits 2 to 0 and 0001 on bits 7 to 4; bit 3
is a reflection of bit 5 of ASC. Writing this register has
no effect and the data is ignored.
FIGURE 84. CNFGA Register Bitmap
Bits 2-0 - Reserved
These bits are reserved and are always 100.
Bit 3 - Bit 5 of ASC
This bit reflects the value of bit 5 of the ASC con-
figuration register, which has no specific function.
Bit 5 of ASC may be used at the discretion of sys-
tem programmers, for any purpose. Whatever val-
ue is put in bit 5 of the ASC register will appear in
bit 3 of the CNFGA register.
The CNFGA register bit reflects a specific system
configuration parameter, as opposed to other de-
vices, e.g., 8-bit data word length.
Bit 7-4 - Reserved
These bits are reserved and are always 0001.
4.4.13 Configuration Register B
(CNFGB), Bits 7-5 of ECR = 111,
Offset 401h
Configuration register B (CNFGB) is read only. Read-
ing this register returns the configured parallel port in-
terrupt line and DMA channel, and the state of the
interrupt line.
Writing to this register has no effect and the data is ig-
nored.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
ECP Data FIFO
Register (DFIFO)
Offset 400h
Bits 7-5 of ECR = 011
Data Bits
D0 - D7
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Test FIFO
Register (TFIFO)
Offset 400h
Bits 7-5 of ECR = 110
Data Bits
D0 - D7
76
54
321
0
Reset
Required
0
0
1
0
1
0
0
0
0
0
1
1
0
0
0
Configuration Register A
(CNFGA)
Offset 400h
Always 0
Always 0
Always 0
Bit 5 of ASC
Bits 7-5 of ECR = 111
Always 0
Always 0
Always 1
Always 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com