Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 156Page - National Semiconductor (TI) PC97338 Datasheet HTML 157Page - National Semiconductor (TI) PC97338 Datasheet HTML 158Page - National Semiconductor (TI) PC97338 Datasheet HTML 159Page - National Semiconductor (TI) PC97338 Datasheet HTML 160Page - National Semiconductor (TI) PC97338 Datasheet HTML 161Page - National Semiconductor (TI) PC97338 Datasheet HTML 162Page - National Semiconductor (TI) PC97338 Datasheet HTML 163Page - National Semiconductor (TI) PC97338 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 221 page
background image
160
www.national.com
TABLE 81. The Module Operation Modes
5.14.6 LSR – Link Status Register
This register provides status information to the CPU
concerning the data transfer.
Bits 1 through 4 (and 7 when in MIR or FIR mode) in-
dicate link status events.
These bits are sticky, and accumulate any conditions
occurred since the last time the register was read.
These bits are cleared when any of the following
events occurs:
1. Hardware reset.
2. The receiver is soft reset.
3. The LSR register is read.
Note: This register is intended for read operations
only. Writing to this register is not recommended as it
may cause indeterminate results.
FIGURE 88. Link Status Register
B0
DTR – Data Terminal Ready.
This bit controls the DTR signal output.
When it is set to 1, DTR is driven low.
In loopback mode this bit internally drives both
DSR and RI.
B1
RTS – Request to Send.
This bit controls the RTS signal output.
When it is set to 1, RTS is driven low.
In loopback mode this bit internally drives both
CTS and DCD.
B2
DMA_EN – DMA Mode Enable.
When set to 1, DMA mode of operation is en-
abled.
When data transfers are performed by a DMA
controller, the transmit and/or receive data in-
terrupts should be disabled to avoid spurious
interrupts.
Note that DMA cycles always access the data
holding registers or FIFOs, regardless of the
selected bank.
B3
TX_DFR – Transmit Deferral.
When set to 1, transmit deferral is enabled.
Effective only when the TX_FIFO is enabled.
B4
IR_PLS – Send Interaction Pulse.
This bit is effective only in MIR and FIR Modes.
It is set to 1 by writing 1 into it.
Writing 0 into it has no effect.
When set to 1, a 2
µs infrared interaction pulse
is transmitted at the end of the frame and the
bit is automatically cleared by the hardware.
This bit is also cleared when the transmitter is
soft reset.
The interaction pulse must be emitted at least
once every 500 ms, as long as the high-speed
connection lasts, in order to quiet slower
(115.2 kbps or below) systems that might oth-
erwise interfere with the link.
B7–5 MDSL [2–0] – Mode Select.
These bits are used to select the operational
mode as shown in Table 81.
When the mode is changed, the transmitter
and receiver are soft reset, and the modem
status events are cleared.
MDSL2
(Bit 7)
MDSL1
(Bit 6)
MDSL0
(Bit 5)
Operational Mode
000
UART (Default)
001
Reserved
0
1
0
Sharp-IR
011
SIR
100
MIR
101
FIR
110
CEIR
111
Reserved
B0 RXDA – Receiver Data Available.
Set to 1 when the Receiver Holding Register is
full.
If the FIFOs are enabled, this bit is set when at
least one character is in the RX_FIFO.
76
543
21
0
Reset
Required
0
0
0
0
0
1
1
0
PE / BAD_CRC
BRK / MAX_LEN
TXRDY
TXEMP
ER_INF / FR_END
RXDA
OE
FE / PHY_ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com