Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 152Page - National Semiconductor (TI) PC97338 Datasheet HTML 153Page - National Semiconductor (TI) PC97338 Datasheet HTML 154Page - National Semiconductor (TI) PC97338 Datasheet HTML 155Page - National Semiconductor (TI) PC97338 Datasheet HTML 156Page - National Semiconductor (TI) PC97338 Datasheet HTML 157Page - National Semiconductor (TI) PC97338 Datasheet HTML 158Page - National Semiconductor (TI) PC97338 Datasheet HTML 159Page - National Semiconductor (TI) PC97338 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 221 page
background image
156
www.national.com
FIGURE 88. Event Identification Register,
Extended Mode
B0 RXHDLEV – Receiver High-Data-Level Event.
FIFOs Disabled: Set to 1 when one character is in
the receiver holding register.
FIFOs Enabled: Set to 1 when the RX_FIFO level
is equal to or above the threshold level, or an
RX_FIFO time-out has occurred.
B1 TXLDL_EV
–
Transmitter
Low-Data-Level
Event.
FIFOs Disabled: Set to 1 when the transmitter
holding register is empty.
FIFOs Enabled: Set to 1 when the TX_FIFO level
is below the threshold level.
B2
UART, Sharp-IR, SIR Modes
LS_EV – Link Status Event.
Set to 1 when a receiver error or break condition
is reported.
Note that, when the FIFOs are enabled, the PE,
FE and BRK conditions are only reported when
the associated character reaches the bottom of
the RX_FIFO. An overrun error (OE) is reported
as soon as it occurs.
MIR, FIR Modes
LS_EV/TX_HLT_EV – Link Status/Transmitter
Halted Event.
Set to 1 when any of the following conditions oc-
cur:
1. Last byte of received frame reaches the bottom
of the RX_FIFO
2. Receiver overrun
3. Transmitter underrun
4. Transmitted halted on frame end CEIR Mode
Consumer_IR Mode
LS_EV/TXHLT_EV – Link Status/Transmitter
Halted.
Set to 1 when a receiver overrun or a transmitter
underrun condition occurs.
765
43
210
Reset
Required
0
1
0
0
0
1
0
0
0
DMA_EV
TXXEMP_EV/PPLD_EV
SFIF_EV
TMR_EV
RXHDL_EV
TXLDL_EV
MS_EV
LS_EV/TX_HLT_EV
Note: A high speed CPU can service the interrupt
generated by the last frame byte reaching the
RX_FIFO bottom before that byte is transferred to
memory by the DMA controller. This can happen
when the CPU interrupt latency is shorter than the
RX_FIFO Time-out (Refer to the “FIFO Time-
outs” section). A DMA request is generated only
when the RX_FIFO level reaches the DMA
threshold or when a FIFO time-out occurs, in or-
der to minimize the performance degradation due
to DMA signal handshake sequences. If the DMA
controller must be set up before receiving each
frame, the software in the interrupt routine should
make sure that the last byte of the frame just re-
ceived has been transferred to memory before re-
initializing the DMA controller, otherwise that byte
could appear as the first byte of the next received
frame.
B3
UART Mode
MS_EV – Modem Status Event.
Set to 1 when any of the bits 0 to 3 in the MSR
register is set to 1.
Any Infrared Mode
MS_EV/Unused – Modem Status Event.
The function of this bit depends on the setting of
the IRMSSL bit in the IRCR2 register.
ISMSSL Value
Bit Function
0
Modem Status interrupt event
1
Forced to 0
B4 DMA_EV – DMA Event.
When an 8237 type DMA controller is used, this
bit is set to 1 when a DMA terminal count (TC) is
signaled. It is cleared upon read.
B5 UART, Sharp-IR, CEIR Modes
TXEMP_EV – Transmitter Empty.
This bit is the same as bit 6 of the LSR register.
It is set to 1 when the transmitter is empty.
MIR, FIR, SIR Modes
TXEMPEV/PLDEV – Transmitter Empty/Pipe-
line Load Event.
Set to 1 when the transmitter is empty or a pipe-
line operation occurs.
B6
MIR, FIR Modes
SFIF_EV – ST_FIFO Event.
Set to 1 when the ST_FIFO level is equal to or
above the threshold, or an ST_FIFO time-out oc-
curs. This bit is cleared when the CPU reads the
ST_FIFO and its level drops below the threshold.
B7 TMR_EV – Timer Event.
Set to 1 when the timer reaches 0.
Cleared by writing 1 into bit 7 of the ASCR regis-
ter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com