Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 150Page - National Semiconductor (TI) PC97338 Datasheet HTML 151Page - National Semiconductor (TI) PC97338 Datasheet HTML 152Page - National Semiconductor (TI) PC97338 Datasheet HTML 153Page - National Semiconductor (TI) PC97338 Datasheet HTML 154Page - National Semiconductor (TI) PC97338 Datasheet HTML 155Page - National Semiconductor (TI) PC97338 Datasheet HTML 156Page - National Semiconductor (TI) PC97338 Datasheet HTML 157Page - National Semiconductor (TI) PC97338 Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 221 page
background image
154
www.national.com
RXD is accessed during CPU read cycles. It provides
the read data path from the receiver holding register
when the FIFOs are disabled, or from the RX_FIFO
bottom location when the FIFOs are enabled.
DMA cycles always access the transmitter and receiv-
er holding registers or FIFOs, regardless of the select-
ed bank.
5.14.2 IER – Interrupt Enable Register
This register controls the enabling of the various inter-
rupts. Some interrupts are common to all operating
modes, while others are only available with specific
modes. Bits 4 to 7 can be set in extended mode only.
They are cleared in non-extended mode. When a bit
is set to 1, an interrupt is generated when the corre-
sponding event occurs. In the non-extended mode
most events can be identified by reading the LSR and
MSR registers. The receiver high-data-level event
can only be identified by reading the EIR register after
the corresponding interrupt has been generated. In
the extended mode events are identified by event
flags in the EIR register. Upon reset, all bits are set to
0.
Note 1: If the interrupt signal drives an edge-sensitive
interrupt controller input, it is advisable to disable all
interrupts by clearing all the IER bits upon entering
the interrupt routine, and re-enable them just before
exiting it. This will guarantee proper interrupt trigger-
ing in the interrupt controller in case one or more in-
terrupt events occur during execution of the interrupt
routine.If an interrupt source must be disabled, the
CPU can do so by clearing the corresponding bit in
the IER register. However, if an interrupt event occurs
just before the corresponding enable bit in the IER
register is cleared, a spurious interrupt may be gener-
ated. To avoid this problem, the clearing of any IER bit
should be done during execution of the interrupt ser-
vice routine.
Note 2: If the interrupt controller is programmed for
level-sensitive interrupts, the clearing of IER bits can
also be performed outside the interrupt service rou-
tine, but with the CPU interrupt disabled.
Note 3: If the LSR, MSR or EIR registers are to be
polled, the interrupt sources which are identified via
self-clearing bits should have their corresponding IER
bits set to 0. This will prevent spurious pulses on the
interrupt output pin.
FIGURE 88. Interrupt Enable Register
5.14.3 EIR/FCR – Event
Identification/FIFO Control
Registers
These registers share the same address.
EIR is accessed during CPU read cycles while FCR is
accessed during CPU write cycles.
EIR – Event Identification Register, Read-Only.
The function of this register changes depending upon
whether the module is in extended or non-extended
mode.
B0 RXHDL_IE – Receiver High-Data-Level Inter-
rupt Enable.
B1 TXLDL_IE – Transmitter Low-Data-Level Inter-
rupt Enable.
B2 UART, Sharp-IR, SIR Modes
LS_IE – Link Status Interrupt Enable.
MIR, FIR, CEIR Modes
LS_IE/TXHLT_IE – Link Status/Transmitter
Halted Interrupt Enable.
B3 MS_IE – Modem Status Interrupt Enable.
B4 DMA_IE – DMA Interrupt Enable.
B5 UART, Sharp-IR, CEIR Modes
TXEMP_IE – Transmitter Empty Interrupt En-
able.
SIR, MIR, FIR Modes
TXEMP_IE/PLD_IE – Transmitter Empty/Pipe-
line Load Interrupt Enable.
B6 MIR, FIR Modes
SFIF_IE – ST_FIFO Interrupt Enable.
B7 TMR_IE – Timer Interrupt Enable.
765
43
210
Reset
Required
0
0
0
0
0
0
0
0
LS_IE / TXHLT_IE
DMA_IE
TXEMP_IE/PLD_IE
SFIF_IE
TMR_IE
RXHDL_IE
TXLDL_IE
MS_IE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com