Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 146Page - National Semiconductor (TI) PC97338 Datasheet HTML 147Page - National Semiconductor (TI) PC97338 Datasheet HTML 148Page - National Semiconductor (TI) PC97338 Datasheet HTML 149Page - National Semiconductor (TI) PC97338 Datasheet HTML 150Page - National Semiconductor (TI) PC97338 Datasheet HTML 151Page - National Semiconductor (TI) PC97338 Datasheet HTML 152Page - National Semiconductor (TI) PC97338 Datasheet HTML 153Page - National Semiconductor (TI) PC97338 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 221 page
background image
150
www.national.com
The RC_MMD bits select the transmitter modulation
mode. If C_PLS mode is selected, modulation pulses
are generated continuously for the entire time in
which one or more logic 0 bits are being transmitted.
If 6_PLS or 8_PLS modes are selected, 6 or 8 pulses
are generated each time one or more logic 0 bits are
transmitted following a logic 1 bit. C_PLS modulation
mode is used for RC-5, RC-6, NEC and RCA proto-
cols. 8_PLS or 6_PLS modulation mode is used for
the RECS 80 protocol. The 8_PLS or 6_PLS mode al-
lows minimization of the number of bits needed to rep-
resent the RECS 80 infrared code sequence. The
current transmitter implementation supports only the
modulated modes of the RECS 80 protocol. The flash
mode is not supported since it is not popular and is
becoming less frequently used.
Note: The total transmission time for the logic 0 bits
must be equal or greater than 6 or 8 times the period
of the modulation subcarrier, otherwise fewer pulses
will be transmitted.
5.7.2
CEIR Receive Operation
The CEIR receiver is significantly different from a
UART receiver for two basic reasons. First, the in-
coming infrared signals are DASK modulated. There-
fore, a demodulation operation may be necessary.
Second, there are no start bits in the incoming data
stream.
Whenever an infrared signal is detected, the opera-
tions performed by the receiver are slightly different
depending on whether or not receiver demodulation is
enabled. If the demodulator is not enabled, the receiv-
er will immediately switch to the active state. If the de-
modulator is enabled, the receiver checks the
subcarrier frequency of the incoming signal, and it
switches to the active state only if the frequency falls
within the programmed range. If this is not the case,
the signal is ignored and no other action is taken.
When the receiver active state is entered, the RXACT
bit in the ASCR register is set to 1. Once in the active
state, the receiver keeps sampling the infrared input
signal and generates a bit stream where a logic 1 in-
dicates an idle condition and a logic 0 indicates the
presence of infrared energy. The infrared input is
sampled regardless of the presence of infrared pulses
at a rate determined by the value loaded into the baud
generator divisor register. The received bit string is ei-
ther de-serialized and assembled into 8-bit charac-
ters, or it is converted to run-length encoding values.
The resulting data bytes are then transferred to the
RX_FIFO.
The receiver also sets the RXWDG bit in the ASCR
register each time an infrared pulse signal is detected.
This bit is automatically cleared when the ASCR reg-
ister is read, and it is intended to assist the software
in determining when the infrared link has been idle for
a certain time. The software can then stop the data re-
ception by writing a 1 into the RXACT bit to clear it and
return the receiver to the inactive state.
The frequency bandwidth for the incoming modulated
infrared signal is selected by DFR and DBW bits in the
IRRXDC register. There are two CEIR receiver data
modes: “Over-sampled” and “Programmed-T-Period”
mode. For either mode the sampling rate is deter-
mined by the setting of the baud generator divisor reg-
ister.
The “Over-sampled” mode can be used with the re-
ceiver demodulator either enabled or disabled. It
should be used with the demodulator disabled when
a detailed snapshot of the incoming signal is needed,
for example to determine the period of the subcarrier
signal. If the demodulator is enabled, the stream of
samples can be used to reconstruct the incoming bit
string. To obtain a good resolution, a fairly high sam-
pling rate should be selected.
The “Programmed-T-Period” mode should be used
with the receiver demodulator enabled. The T Period
represents one half bit time, for protocols using bi-
phase encoding, or the basic unit of pulse distance,
for protocols using pulse distance encoding. The
baud rate is usually programmed to match the T Peri-
od. For long periods of logic low or high, the receiver
samples the demodulated signal at the programmed
sampling rate.
Whenever a new infrared energy pulse is detected,
the receiver will re-synchronize the sampling process
to the incoming signal timing. This reduces timing re-
lated errors and eliminates the possibility of missing
short infrared pulse sequences, especially when deal-
ing with the RECS 80 protocol. In addition, the “Pro-
grammed-T-Period” sampling minimizes the amount
of data used to represent the incoming infrared signal,
therefore reducing the processing overhead in the
host CPU.
5.8
FIFO TIME-OUTS
In order to prevent received data from sitting in the
RX_FIFO and/or the ST_FIFO indefinitely, if the pro-
grammed interrupt or DMA thresholds are not
reached, time-out mechanisms are provided.
An RX_FIFO time-out generates a receiver High-
Data-Level interrupt and/or a Receiver DMA request
if bit 0 of IER and/or bit 2 of MCR (in extended mode)
are set to 1 respectively. An RX_FIFO time-out also
sets bit 0 of ASCR to 1 if the RX_FIFO is below the
threshold. This bit is tested by the software, when a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com