Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 143Page - National Semiconductor (TI) PC97338 Datasheet HTML 144Page - National Semiconductor (TI) PC97338 Datasheet HTML 145Page - National Semiconductor (TI) PC97338 Datasheet HTML 146Page - National Semiconductor (TI) PC97338 Datasheet HTML 147Page - National Semiconductor (TI) PC97338 Datasheet HTML 148Page - National Semiconductor (TI) PC97338 Datasheet HTML 149Page - National Semiconductor (TI) PC97338 Datasheet HTML 150Page - National Semiconductor (TI) PC97338 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 221 page
background image
147
www.national.com
The UART mode is the default mode of operation af-
ter power up or reset. In fact, after reset, the module
enters the 16450 compatibility mode. In addition to
the 16450 and 16550 compatibility modes, an extend-
ed mode of operation is also available. When the ex-
tended mode is selected, the module architecture
changes slightly and a variety of additional features
are made available. The interrupt sources are no
longer prioritized, and an auxiliary status and control
register replaces the scratch pad register. The addi-
tional features include: transmitter FIFO thresholding,
DMA capability, and interrupts on transmitter empty
and DMA event.
The clock for both transmit and receive channels is
provided by an internal baud generator that divides its
input clock by any divisor value from 1 to 2
16 –1. The
output clock frequency of the baud generator must be
programmed to be sixteen times the baud rate value.
The baud generator input clock is derived from a 24
MHz clock through a programmable prescaler. The
prescaler value is determined by the PRESL bits in
the EXCR2 register. Its default value is 13. This al-
lows all the standard baud rates, up to 115.2 kbaud to
be obtained. Smaller prescaler values will allow baud
rates up to 921.6 kbaud (standard) and 1.5 Mbaud
(non standard).
Before operation can begin, both the communications
format and baud rate must be programmed by the
software. The communications format is programmed
by loading a control byte into the LCR register, while
the baud rate is selected by loading an appropriate
value into the baud generator divisor register. The
software can read the status of the module at any time
during operation. The status information includes
FULL/EMPTY state for both transmit and receive
channels, and any other condition detected on the re-
ceived data stream, like a parity error, framing error,
data overrun, or break event.
5.4
SHARP-IR MODE
This mode supports bi-directional data communica-
tion with a remote module using infrared radiation as
the transmission medium. Sharp-IR uses Digital Am-
plitude Shift Keying (DASK) and allows serial commu-
nication at baud rates up to 38.4 kbaud. The format of
the serial data is similar to the UART data format.
Each data word is sent serially beginning with a zero
value start bit, an optional parity bit, and ending with
at least one stop bit with a binary value of one. A zero
is signalled by sending a 500 kHz continuous pulse
train of infrared radiation. A one is signaled by the ab-
sence of any infrared signal. The PC97338 can per-
form the modulation and demodulation operations
internally, or it can rely on the external optical module
to perform them.
Operation in Sharp-IR is similar to the operation in
UART mode. The main difference being that data
transfer operations are normally performed in half du-
plex fashion, and the modem control and status sig-
nals are not used. Selection of the Sharp-IR mode is
controlled by the MDSL bits in the MCR register when
the module is in extended mode, or by the IR_SL bits
in the IRCR1 register when the module is in non-ex-
tended mode. This prevents legacy software, running
in non-extended mode, from spuriously switching the
module to UART mode, when the software writes to
the MCR register.
5.5
IrDA 1.0 SIR MODE
This is the first operational mode that has been de-
fined by the IrDA committee and, similarly to Sharp-
IR, it also supports bi-directional data communication
with a remote module using infrared radiation as the
transmission medium. IrDA 1.0 SIR allows serial com-
munication at baud rates up to 115.2 kbaud. The for-
mat of the serial data is similar to the UART data
format. Each data word is sent serially beginning with
a zero value start bit, followed by 8 data bits, and end-
ing with at least one stop bit with a binary value of one.
A zero is signaled by sending a single infrared pulse.
A one is signaled by not sending any pulse. The width
of each pulse can be either 1.6
µs or 3/16ths of a sin-
gle bit time. (1.6
µs equals 3/16ths of a bit time at
115.2 kbaud). This way, each word begins with a
pulse for the start bit.
Operation in IrDA 1.0 SIR is similar to the operation in
UART mode. The main difference being that data
transfer operations are normally performed in half du-
plex fashion, and the modem control and status sig-
nals are not used. Selection of the IrDA 1.0 SIR mode
is controlled by the MDSL bits in the MCR register
when the module is in extended mode, or by the
IR_SL bits in the IRCR1 register when the module is
in non-extended mode. This prevents legacy soft-
ware, running in non-extended mode, from spuriously
switching the module to UART mode, when the soft-
ware writes to the MCR register.
5.6
IrDA 1.1 MIR AND FIR MODES
The PC97338 supports both IrDA 1.1 MIR and FIR
modes, with data rates of 576 kbps, 1.152 Mbps and
4.0 Mbps. Details on the frame format, encoding
schemes, CRC sequences, etc. are provided in the
appropriate IrDA documents. The MIR transmitter
front-end section performs bit stuffing on the out-
bound data stream and places the Start and Stop
flags at the beginning and end of MIR frames. The
MIR receiver front-end section removes flags and “de-
stuffs” the inbound bit stream, and checks for abort
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com