Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 147Page - National Semiconductor (TI) PC97338 Datasheet HTML 148Page - National Semiconductor (TI) PC97338 Datasheet HTML 149Page - National Semiconductor (TI) PC97338 Datasheet HTML 150Page - National Semiconductor (TI) PC97338 Datasheet HTML 151Page - National Semiconductor (TI) PC97338 Datasheet HTML 152Page - National Semiconductor (TI) PC97338 Datasheet HTML 153Page - National Semiconductor (TI) PC97338 Datasheet HTML 154Page - National Semiconductor (TI) PC97338 Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 221 page
background image
151
www.national.com
receiver High-Data-Level interrupt occurs, to decide
whether a number of bytes, as indicated by the
RX_FIFO threshold, can be read without checking bit
0 of the LSR register. An ST_FIFO time-out is en-
abled only in MIR and FIR modes, and generates an
interrupt if bit 6 of IER is set to 1.
The conditions that must exist for a time-out to occur
in the various modes of operation, are described be-
low. When a time-out has occurred, it can only be re-
set when the FIFO that caused the time-out is read by
the CPU or DMA controller.
MIR or FIR Modes
RX_FIFO Time-out Conditions:
1. At least one byte is in the RX_FIFO, and
2. More than 64
µs have elapsed since the last byte
was loaded into the RX_FIFO from the receiver
logic, and
3. More than 64
µs have elapsed since the last byte
was read from the RX_FIFO by the CPU or DMA
controller.
ST_FIFO Time-out Conditions:
1. At least one entry is in the ST_FIFO, and
2. More than 1 ms has elapsed since the last byte
was loaded into the RX_FIFO by the receiver log-
ic, and
3. More than 1 ms has elapsed since the last entry
was read from the ST_FIFO by the CPU.
UART, Sharp-IR, SIR Modes
RX_FIFO Time-out Conditions:
1. At least one byte is in the RX_FIFO, and
2. More than four character times have elapsed since
the last byte was loaded into the RX_FIFO from
the receiver logic, and
3. More than four character times have elapsed since
the last byte was read from the RX_FIFO by the
CPU or DMA controller.
CEIR Mode
RX_FIFO Time-out Conditions:
The RX_FIFO Time-out, in CEIR mode, is disabled
while the receiver is active. The conditions for this
time-out to occur are as follows:
1. At least one byte has been in the RX_FIFO for 64
µs or more, and
2. The receiver has been inactive (RXACT=0) for 64
µs or more, and
3. More than 64
µs have elapsed since the last byte
was read from the RX_FIFO by the CPU or DMA
controller.
5.9
TRANSMIT DEFERRAL
This feature allows the software to send short high-
speed data frames in PIO mode without the risk of a
transmitter underrun being generated. Even though
this feature is available and works the same way in all
modes, it will most likely be used in MIR and FIR
modes to support high-speed negotiations. This is be-
cause in other modes, either the transmit data rate is
relatively low and thus the CPU can keep up with it
without letting an underrun occur, as in the case CEIR
Mode, or transmit underruns are allowed and are not
considered to be error conditions.
Transmit deferral is available only in extended mode
and when the TX_FIFO is enabled. When transmit de-
ferral is enabled (TX_DFR bit of MCR set to 1) and the
transmitter becomes empty, an internal flag will be set
that locks the transmitter. If the CPU now writes data
into the TX_FIFO, the transmitter will not start sending
the data until the TX_FIFO level reaches either 14 for
a 16-level TX_FIFO, or 30 for a 32-level TX_FIFO, at
which time the internal flag is cleared. The internal
flag is also cleared and the transmitter starts transmit-
ting when a time-out condition is reached. This pre-
vents some bytes from being in the TX_FIFO
indefinitely if the threshold is not reached.
The time-out mechanism is implemented by a timer
that is enabled when the internal flag is set and there
is at least one byte in the TX_FIFO. Whenever a byte
is loaded into the TX_FIFO the timer gets reloaded
with the initial value. If no bytes are loaded for a 64-s
time, the timer times out and the internal flag gets
cleared, thus enabling the transmitter.
5.10 AUTOMATIC FALLBACK TO 16550
COMPATIBILITY MODE
This feature is designed to support existing legacy
software packages using the 16550 UART.
For proper operation, many of these software packag-
es require that the module look identical to a plain
16550 since they access the UART registers directly.
Due to the fact that several extended features as well
as new operational modes are provided, the user
must make sure that the module is in the proper state
before a legacy program can be executed.
The fallback mechanism is designed for this purpose.
It eliminates the need for user intervention to change
the state of the module, when a legacy program must
be executed following completion of a program that
used any of the module's extended features.
This mechanism automatically switches the module
to 16550 compatibility mode and turns off any extend-
ed features whenever the baud generator divisor reg-
ister is accessed through the LBGD(L) or LBGD(H)
ports in register bank 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com