Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 142Page - National Semiconductor (TI) PC97338 Datasheet HTML 143Page - National Semiconductor (TI) PC97338 Datasheet HTML 144Page - National Semiconductor (TI) PC97338 Datasheet HTML 145Page - National Semiconductor (TI) PC97338 Datasheet HTML 146Page - National Semiconductor (TI) PC97338 Datasheet HTML 147Page - National Semiconductor (TI) PC97338 Datasheet HTML 148Page - National Semiconductor (TI) PC97338 Datasheet HTML 149Page - National Semiconductor (TI) PC97338 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 221 page
background image
146
www.national.com
5.0 Serial Communications
Controllers (SCC1 and SCC2)
Two serial communications control modules are pro-
vided: SCC1 and SCC2. Either module supports a
UART mode of operation and is backward compatible
with the 16550 and 16450. In addition to UART mode,
SCC2 also provides infrared capabilities by support-
ing 5 additional operating modes.
The description of the UART mode in the following
sections applies to both SCC1 and SCC2; the de-
scription of the infrared modes applies to SCC2 only.
The infrared modes supported by SCC2 are: Sharp-
IR, IrDA 1.0 SIR, IrDA 1.1 MIR and FIR, and Consum-
er Electronics IR (also referred to as TV Remote or
Consumer Remote Control).
In order to support existing legacy software based
upon the 16550 UART, both modules provide a spe-
cial fallback mechanism that automatically sets the
operational mode to 16550 compatibility mode when
the baud generator divisor is accessed through the
legacy ports in bank 1.
The modules' architecture has been optimized to
meet the requirements of a variety of UART and infra-
red based applications. DMA support for all operation-
al modes has been incorporated into the architecture.
The modules can use either 1 or 2 DMA channels.
One channel is required for infrared based applica-
tions since infrared communications work in half du-
plex fashion. Two channels would normally be
needed to handle high-speed full duplex UART based
applications.
To further ease driver design and simplify the imple-
mentation of infrared protocols, a 12-bit timer with 125
us resolution has also been included.
Note: Upon reset, SCC2 can wake up in either UART
mode or SIR mode depending on the state of the
CFG0 strap pin.
— If CFG0 is sampled low, SCC2 wakes up in SIR
mode.
— If CFG0 is sampled high, SCC2 wakes up in
UART mode.
5.1
FEATURES
• Fully compatible with 16550 and 16450
• Extended UART mode
• Sharp-IR with selectable internal or external
modulation/demodulation
• IrDA 1.0 SIR with up to 115.2 kbaud data rate
• IrDA 1.1 MIR and FIR with 0.576, 1.152 and 4.0
Mbps data rates
• Consumer Electronic IR mode
• UART mode data rates up to 1.5 Mbps
• Back-to-Back infrared frame transmission and re-
ception
• Full duplex infrared frame transmission and re-
ception
• Transmit deferral
• Automatic fallback to 16550 compatibility mode
• IrDA modes pipelining
• Selectable 16 or 32 level FIFOs
• Support for Plug-n-Play Infrared Adapters
• Automatic or manual transceiver configuration
• 12-bit timer for infrared protocol support
5.2
FUNCTIONAL MODES OVERVIEW
This multi-mode module can be configured to act as
any one of several different functions. Although each
mode is unique, certain system resources and fea-
tures are common to some or to all modes.
5.3
UART MODE
This mode is designed to support serial data commu-
nications with a remote peripheral module or modem
using a wired interface. The module provides transmit
and receive channels that can operate concurrently to
handle full-duplex operation. They perform parallel-
to-serial conversion on data characters received from
the CPU or a DMA controller, and serial-to-parallel
conversion on data characters received from the seri-
al interface. The format of the serial data stream is
shown in Figure 88. A data character contains 5 to 8
data bits. It is preceded by a start bit and is followed
by an optional parity bit and a stop bit. Data is trans-
ferred in Little Endian order (LEAST significant bit
first).
FIGURE 88. Composite Serial Data
START -LSB- DATA 5-8 -MSB- PARITY
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com