Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 171Page - National Semiconductor (TI) PC97338 Datasheet HTML 172Page - National Semiconductor (TI) PC97338 Datasheet HTML 173Page - National Semiconductor (TI) PC97338 Datasheet HTML 174Page - National Semiconductor (TI) PC97338 Datasheet HTML 175Page - National Semiconductor (TI) PC97338 Datasheet HTML 176Page - National Semiconductor (TI) PC97338 Datasheet HTML 177Page - National Semiconductor (TI) PC97338 Datasheet HTML 178Page - National Semiconductor (TI) PC97338 Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 221 page
background image
175
www.national.com
TABLE 91. MIR Beginning Flags
5.21 BANK 7
TABLE 92. Bank 7 Register Set
5.21.1 IRRXDC – Infrared Receiver
Demodulator Control Register
After reset, the content of this register is 29h, select-
ing a frequency range from 34.61 kHz to 38.26 kHz
for the CEIR mode, and from 480.0 kHz to 533.3 kHz
for Sharp-IR mode. The value of this register is ig-
nored if receiver demodulation for both Sharp-IR and
CEIR mode is disabled. The available frequency
ranges for CEIR and Sharp-IR modes are given in
Table 93 through Table 95.
FIGURE 88. Intrared Receiver Demodulator
Control Register
ENCODING
Beginning Flags
0000
Reserved
0001
1
0010
2 (Default)
0011
3
0100
4
0101
5
0110
6
0111
8
1000
10
1001
12
1010
16
1011
20
1100
24
1101
28
1110
32
1111
Reserved
Address
Offset
Register
Name
Description
00h
IRRXDC
Infrared Receiver Demodulator
Control
01h
IRTXMC
Infrared Transmitter Modulator
Control
02h
RCCFG
CEIR Configuration Register
03h
LCR/BSR
Link Control/
Bank Select Registers
04h
IRCFG1
Infrared Interface
Configuration Register 1
05h
IRCFG2
Infrared Interface
Configuration Register 2
06h
IRCFG3
Infrared Interface
Configuration Register 3
07h
IRCFG4
Infrared Interface
Configuration Register 4
B4–0 DFR [4–0] – Demodulator Frequency.
These bits determine the subcarrier's center
frequency for the CEIR mode.
B7–5 DBW [2–0] – Demodulator Bandwidth.
These bits determine the demodulator band-
width within which the subcarrier signal fre-
quency has to fall in order for the signal to be
accepted.
Used for both Sharp-IR and CEIR modes.
7
6
5
432
10
Reset
Required
1
0
0
1
0
1
0
0
DFR2
DFR4
DBW0
DBW1
DBW2
DFR0
DFR1
DFR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com