Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 172Page - National Semiconductor (TI) PC97338 Datasheet HTML 173Page - National Semiconductor (TI) PC97338 Datasheet HTML 174Page - National Semiconductor (TI) PC97338 Datasheet HTML 175Page - National Semiconductor (TI) PC97338 Datasheet HTML 176Page - National Semiconductor (TI) PC97338 Datasheet HTML 177Page - National Semiconductor (TI) PC97338 Datasheet HTML 178Page - National Semiconductor (TI) PC97338 Datasheet HTML 179Page - National Semiconductor (TI) PC97338 Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 221 page
background image
176
www.national.com
TABLE 93. CEIR, Low Speed Demodulator (RXHSC = 0) (Frequency Ranges in kHz)þ
BBW [2-0] Bits
DFR
[4-0]
001
010
011
100
101
110
min
max
min
max
min
max
min
max
min
max
min
max
00011
28.6
31.6
27.3
33.3
26.1
35.3
25.0
37.5
24.0
40.0
23.1
42.9
00100
29.3
32.4
28.0
34.2
26.7
36.2
25.6
38.4
24.6
41.0
23.7
43.9
00101
30.1
33.2
28.7
35.1
27.4
37.1
26.3
39.4
25.2
42.1
24.3
45.1
00110
31.7
35.1
30.3
37.0
29.0
39.2
27.8
41.7
26.7
44.4
25.6
47.6
00111
32.6
36.0
31.1
38.1
29.8
40.3
28.5
42.8
27.4
45.7
26.3
48.9
01000
33.6
37.1
32.0
39.2
30.7
41.5
29.4
44.1
28.2
47.0
27.1
50.4
01001
34.6
38.3
33.0
40.4
31.6
42.8
30.3
45.4
29.1
48.5
28.0
51.9
01011
35.7
39.5
34.1
41.7
32.6
44.1
31.3
46.9
30.0
50.0
28.8
53.6
01100
36.9
40.7
35.2
43.0
33.7
45.5
32.3
48.4
31.0
51.6
29.8
55.3
01101
38.1
42.1
36.4
44.4
34.8
47.1
33.3
50.0
32.0
53.3
30.8
57.1
01111
39.4
43.6
37.6
45.9
36.0
48.6
34.5
51.7
33.1
55.1
31.8
59.1
10000
40.8
45.1
39.0
47.6
37.3
50.4
35.7
53.6
34.3
57.1
33.0
61.2
10010
42.3
46.8
40.4
49.4
38.6
52.3
37.0
55.6
35.6
59.3
34.2
63.5
10011
44.0
48.6
42.0
51.3
40.1
54.3
38.5
57.7
36.9
61.5
35.5
65.9
10101
45.7
50.5
43.6
53.3
41.7
56.5
40.0
60.0
38.4
64.0
36.9
68.6
10111
47.6
52.6
45.5
55.6
43.5
58.8
41.7
62.5
40.0
66.7
38.5
71.4
11010
49.7
54.9
47.4
57.9
45.3
61.4
43.5
65.2
41.7
69.5
40.1
74.5
11011
51.9
57.4
49.5
60.6
47.4
64.1
45.4
68.1
43.6
72.7
41.9
77.9
11101
54.4
60.1
51.9
63.4
49.7
67.2
47.6
71.4
45.7
76.1
43.9
81.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com