Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 176Page - National Semiconductor (TI) PC97338 Datasheet HTML 177Page - National Semiconductor (TI) PC97338 Datasheet HTML 178Page - National Semiconductor (TI) PC97338 Datasheet HTML 179Page - National Semiconductor (TI) PC97338 Datasheet HTML 180Page - National Semiconductor (TI) PC97338 Datasheet HTML 181Page - National Semiconductor (TI) PC97338 Datasheet HTML 182Page - National Semiconductor (TI) PC97338 Datasheet HTML 183Page - National Semiconductor (TI) PC97338 Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 221 page
background image
180
www.national.com
IRCFG1 – Infrared Interface Configuration
Register 1
This register holds the transceiver configuration data
for Sharp-IR and SIR Modes.
When automatic configuration is not enabled, it is
used to directly control the transceiver operational
mode. The least significant four bits are also used to
read the identification data of a Plug-n-Play infrared
adapter.
FIGURE 88. Infrared Configuration Register 1
IRCFG2 – Infrared Interface Configuration
Register 2
This register holds the transceiver configuration data
for MIR and FIR Modes.
FIGURE 88. Infrared Configuration Register 2
B0
IRIC0 – Transceiver Identification/Control.
The function of this bit depends on whether the
ID0/IRSL0/IRRX2 pin is programmed as an in-
put or as an output.
ID0/IRSL0/IRRX2 Pin Programmed as Input
(IRSL0_DS = 0).
Upon read, this bit returns the logic level of
the pin.
Data written into this bit position is ignored.
ID0/IRSL0/IRRX2 Pin Programmed as Output
(IRSL0_DS = 1).
If AMCFG is set to 1, this bit will drive the
ID0/IRSL0/IRRX2 pin when Sharp-IR Mode
is selected.
If AMCFG is 0, this bit will drive the
ID0/IRSL0/IRRX2 pin regardless of the se-
lected mode.
Upon read, this bit returns the value previously
written.
B2–1 IRIC[2–1] – Transceiver Identification/Con-
trol
The function of these bits depends on whether
the ID/IRSL[2–1] pins are programmed as in-
puts or as outputs.
ID/IRSL[2–1] Pins Programmed as Inputs
(IRSL21_DS = 0).
Upon read, these bits return the logic levels of
the pins.
Data written into these bit positions is ignored.
ID/IRSL[2–1] Pins Programmed as Outputs
(IRSL21_DS = 1).
76
54
321
0
Reset
Required
x
x
x
x
0
0
0
0
IRIC(2-0)
SIRC(2-0)
STRV_MS
If AMCFG is set to 1, these bits will drive the
ID/IRSL[2–1] pins when Sharp-IR Mode is se-
lected.
If AMCFG is 0, these bits will drive the
ID/IRSL[2–1] pins regardless of the selected
mode.
Upon read, these bits return the values previ-
ously written.
B6–4 SIRC [2–0] – SIR Mode Transceiver Config-
uration.
These bits will drive the ID/IRSL[2–0] pins
when AMCFG is 1 and SIR Mode is selected.
They are unused when AMCFG is 0 or when
the ID/IRSL[2–0] pins are programmed as in-
puts.
Upon read, these bits return the values previ-
ously written.
B7
STRV_MS – Special Transceiver Mode Se-
lect.
This bit is used to select the operational mode
in high speed optical transceiver modules.
When this bit is set to 1, the IRTX output is
forced high and a timer is started.
The timer times out after approximately 64
µs,
at which time the bit is reset and IRTX returns
low. The timer is restarted every time a 1 is
written into this bit position. Therefore, the time
in which IRTX is forced high can be extended
beyond 64
µs.
This should be avoided, however, to prevent
damage to the transmitter LED.
Writing 0 into this bit position has no effect.
B2–0 MIRC [2–0] – MIR Mode Transceiver Config-
uration.
These bits will drive the ID/IRSL[2–0] pins
when AMCFG is 1 and MIR Mode is selected.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
0
MIRC(2-0)
FIRC(2-0)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com