Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 192Page - National Semiconductor (TI) PC97338 Datasheet HTML 193Page - National Semiconductor (TI) PC97338 Datasheet HTML 194Page - National Semiconductor (TI) PC97338 Datasheet HTML 195Page - National Semiconductor (TI) PC97338 Datasheet HTML 196Page - National Semiconductor (TI) PC97338 Datasheet HTML 197Page - National Semiconductor (TI) PC97338 Datasheet HTML 198Page - National Semiconductor (TI) PC97338 Datasheet HTML 199Page - National Semiconductor (TI) PC97338 Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 221 page
background image
196
www.national.com
TABLE 107. Clock Multiplier Encoding Options
From this point on, bits 1 and 0 of the CLK register
are read-only. The value of the clock source can
not be changed, except by a total power-off and
power-on cycle. However, the on-chip clock multi-
plier can be disabled at any time.
2. If the external clock source is 14.31818 MHz or 24
MHz:
— Enable the on-chip clock multiplier.
— Poll bit 3 of the CLK register while the clock
multiplier is stabilizing.
— When bit 3 of CLK is set to 1, go to step 3.
If the external clock source is 48 MHz, do not en-
able the clock multiplier.
3. Enable any module of the chip.
7.2.3
SCC1 and SCC2 Power-Up
The clock signal to the SCCs is controlled by the FER
and PTR configuration registers.
To restore the clock signal to one or both SCCs, the
following must both be true:
• The appropriate enable bits, bits 2 and 1 of FER
for SCC2 and SCC1, respectively must be set to
1.
• The power-down bit, bit 0 of PTR, must be 0.
If the on-chip clock multiplier stopped, allow time
(maximum 2.4 msec) for multiplier stabilization before
sending any data or signaling that the receiver chan-
nel is ready. The stabilization period can be sensed
by reading the Main Status Register in the FDC, if the
FDC is being powered up. (The Request for Master bit
(RQM) is not set for approximately 2.4 msec). If the
FDC is not powered up but, either one of the SCCs is
being powered up, then, software must generate a
delay of 2.4 msec. Stabilization of multiplier can also
be sensed by putting any of the enabled SCCs into lo-
cal loopback mode and sending bytes until they are
received correctly.
7.2.4
FDC Power-Up
The clock signal to the FDC is controlled by the con-
figuration registers, the FDC MODE command and
the Data Rate Select Register (DSR).
To restore the clock signal to the FDC, both of the fol-
lowing conditions must be true:
• Bit 3 of FER must be set to 1.
• The power-down bit, bit 0 of PTR, must be 0.
In addition to these conditions, do one of the following
to initiate the recovery from power-down mode:
• Read the Main Status Register (MSR) until the
RQM bit, bit 7, is set to 1.
• Set the software reset bit, bit 7 or the Data Rate
Select Register (DSR), to 1.
• Write the following to the reset bit, bit 2 or the Dig-
ital Output Register (DOR):
— Set it to 1.
— Clear it to 0.
• Read the Data Register and the Main Status Reg-
ister until the RQM bit is set to 1.
External
Clock on
Pin X1
(MHz)
CLK Register (Index 51h)
Valid Clock
Multiplier
Status
Clock
Multiplier
Enable
Chip Clock
Source
32
1
0
14.31818
0 = Reset
1 = Stable
10
0
24
1
0
1
48
Always 0
0
1
0
Reserved
x
x
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com