Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 188Page - National Semiconductor (TI) PC97338 Datasheet HTML 189Page - National Semiconductor (TI) PC97338 Datasheet HTML 190Page - National Semiconductor (TI) PC97338 Datasheet HTML 191Page - National Semiconductor (TI) PC97338 Datasheet HTML 192Page - National Semiconductor (TI) PC97338 Datasheet HTML 193Page - National Semiconductor (TI) PC97338 Datasheet HTML 194Page - National Semiconductor (TI) PC97338 Datasheet HTML 195Page - National Semiconductor (TI) PC97338 Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 221 page
background image
192
www.national.com
TABLE 102. TRI-STATE Condition for Interrupts in Legacy Mode
Interrupt
TRI-STATE Condition
SCC1
SCC2
Parallel Port
FDC
SIRQIn
a
a. n = 1, 2 or 3
IRQ3,4
As described in
Section 5.
As described in
Section 5.
NA
NA
IRQ3 or 4 not selected
IRQ5,7
NA
NA
As described in
Section 4.
NA
IRQ5 or 7 not selected
IRQ6
NA
NA
NA
As described in
Section 3.
IRQ6 not selected
IRQx
b
b. x = 9, 10, 11, 12 or 15
NA
NA
NA
NA
IRQx
b not selected
6.2.2
Plug and Play Mode
In Plug and Play mode, software can configure the in-
terrupts of the Chip on the ISA interrupts.
It is illegal to configure two or more devices to the
same ISA interrupt, with the exception of SCC1 and
SCC2 which can be configured to the same ISA inter-
rupt.
An interrupt should be configured to a specific device
only when the device is disabled.
Tables 103 and 104 describe the possible interrupt
source for each IRQ. A plus sign (
+) means this is a
possible interrupt source and a minus sign (
−) means
it is not.
Table 104 also indicates the conditions that must be
true to enable IRQ 5, 12 and 15. All conditions in the
row (horizontally) must be true to enable the interrupt.
An x indicates the value does not matter.
Table 105 describes the conditions under which each
interrupt is put in TRI-STATE, in Plug and Play mode.
For each interrupt to be put in TRI-STATE, every col-
umn must have one true condition. If no condition is
true in any one column, the signal will not be put in
TRI-STATE.
An IRQ signal is in TRI-STATE when any of the fol-
lowing conditions is true:
• When no device is mapped to the IRQ line.
• When the device mapped to the IRQ line is inac-
tive.
• When the device mapped to the IRQ line floats its
IRQ line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com