Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 187Page - National Semiconductor (TI) PC97338 Datasheet HTML 188Page - National Semiconductor (TI) PC97338 Datasheet HTML 189Page - National Semiconductor (TI) PC97338 Datasheet HTML 190Page - National Semiconductor (TI) PC97338 Datasheet HTML 191Page - National Semiconductor (TI) PC97338 Datasheet HTML 192Page - National Semiconductor (TI) PC97338 Datasheet HTML 193Page - National Semiconductor (TI) PC97338 Datasheet HTML 194Page - National Semiconductor (TI) PC97338 Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 221 page
background image
191
www.national.com
6.2
INTERRUPT SUPPORT
6.2.1
Legacy Mode
Tables 100 and 101 describe the possible interrupt
source for each IRQ, in legacy mode. A plus sign (
+)
means this is a possible interrupt source and a minus
sign (
−) means it is not.
Table 101 also indicates the conditions that must be
true to enable IRQ 5, 12 and 15. All conditions in the
row (horizontally) must be true to enable the interrupt.
An x indicates the value does not matter.
It is illegal to configure two or more devices to the
same ISA interrupt, with the exception of SCC1 and
SCC2 which can be configured to the same ISA inter-
rupt. An ISA interrupt may be configured to a specific
device only when the device is disabled.
Table 102 describes the conditions under which each
interrupt is put in TRI-STATE, in Legacy mode.
For each interrupt to be put in TRI-STATE, every col-
umn must have one true condition. If no condition is
true in any one column, the signal will not be put in
TRI-STATE.
TABLE 100. Interrupt Support in Legacy Mode for IRQ3, 4, 6, 7, 9 10 and 11
TABLE 101. Interrupt Support in Legacy Mode for IRQ 5, 12 and 15
Interrupt
Possible Interrupt Source
SCC1
SCC2
Parallel Port
FDC
SIRQIn
a
a. n = 1, 2 or 3
IRQ3,4
+
+−−+
IRQ6
−
−−++
IRQ7
−
−+−+
IRQxb
b. x = 9, 10 or 11
−
−−−+
Interrupt
Conditions
Possible Interrupt Source
Bit 0 of
ASC
Bit 3 of
SCF3
Bits 7,6
of
SIRQI1
Reset
Value of
CFG0
SCC1
SCC2
Parallel
Port
FDC
SIRQI1 SIRQI2 SIRQI3
IRQ5
0x
x
x
−−+−++
+
1x
x
x
−−−−−−
−
IRQ12
x0
x
0
−−−−++
+
x1
x
0
−−−−−−
−
xx
x
1
−−−−−−
−
IRQ15
xx
0 0
x
−−−−−+
+
xx
0 1
x
−−−−−−
−
xx
1 x
x
−−−−−−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com