Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338 Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 184Page - National Semiconductor (TI) PC97338 Datasheet HTML 185Page - National Semiconductor (TI) PC97338 Datasheet HTML 186Page - National Semiconductor (TI) PC97338 Datasheet HTML 187Page - National Semiconductor (TI) PC97338 Datasheet HTML 188Page - National Semiconductor (TI) PC97338 Datasheet HTML 189Page - National Semiconductor (TI) PC97338 Datasheet HTML 190Page - National Semiconductor (TI) PC97338 Datasheet HTML 191Page - National Semiconductor (TI) PC97338 Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 221 page
background image
188
www.national.com
7
6
5
432
10
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
MSB Register (RFRL(H))
Bank 5,
Least Significant Bits of
Reception Frame Length FIFO Bottom
Received Frame Length
FIFO Bottom
or of the Lost Frame Count
Reserved
Offset 07h
7
654
32
10
Reset
Required
0
0
0
0
0
1
0
0
0
0
Register 3
(IRCR3)
Bank 6,
Infrared Control
TXCRC_INV
MIR_CRC
FIR_CRC
SHMD_DS
SHDM_DS
Reserved
TXCRC_DS
Reserved
Offset 00h
7
654
32
10
Reset
Required
0
1
0
1
0
0
0
0
0
0
0
0
Width Register
(MIR_PW)
Bank 6,
MIR Pulse
MPW(3-0)
Offset 01h
Reserved
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Register
(SIR_PW)
Bank 6,
SIR Pulse Width
SPW(3-0)
Offset 02h
Reserved
76
54
321
0
Reset
Required
0
1
0
1
0
1
0
0
Register
(BFPL)
Bank 6,
Preamble Length
Beginning Flags and
Offset 04h
FPL(3-0)
MBF(7-4)
76
54
321
0
Reset
Required
1
0
0
1
0
1
0
0
Register (IRRXDC)
Bank 7,
Demodulation Control
Infrared Receiver
DFR2
DFR4
DBW0
DBW1
DBW2
DFR0
DFR1
DFR3
Offset 00h
76
54
321
0
Reset
Required
1
0
0
1
0
1
1
0
Modulation Control
(IRTXMC)
Bank 7,
Infrared Transmitter
MCFR(4-0)
Register
MCPW(2-0)
Offset 01h
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
Configuration Register
(RCCFG)
Bank 7,
RCDM_DS
Reserved
RXHSC
T_OV
R_LEN
RC_MMD0
RC_MMD1
TXHSC
Offset 02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com