Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 7Page - STMicroelectronics L4984D Datasheet HTML 8Page - STMicroelectronics L4984D Datasheet HTML 9Page - STMicroelectronics L4984D Datasheet HTML 10Page - STMicroelectronics L4984D Datasheet HTML 11Page - STMicroelectronics L4984D Datasheet HTML 12Page - STMicroelectronics L4984D Datasheet HTML 13Page - STMicroelectronics L4984D Datasheet HTML 14Page - STMicroelectronics L4984D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DocID024474 Rev 1
11/35
L4984D
Electrical characteristics
ΔV
Dropout VMULTpk-VVFF
Before turn-on
800
mV
After turn-on
20
ΔVVFF
Line drop detection threshold
Below peak value
25
60
100
mV
ΔVVFF
Line drop detection threshold
Below peak value Tj = 0 to 100 °C
40
70
100
mV
RDISCH
Internal discharge resistor
5
10
20
k
Ω
VDIS
Disable threshold
(1) Voltage falling
0.745
0.8
0.855
V
VEN
Enable threshold
(1) Voltage rising
0.845
0.88
0.915
V
Fixed-off-time modulator
ITIMER
Programming current
VMULT = 1 V
142
153
163
µA
TOFF
Programmed off-time
VMULT = 1 V
2.88
3.09
3.30
µs
RDIS
Discharge resistance
35
60
120
W
CTIMER
Timing capacitor range
0.1
2.2
nF
TOFF_pk
Programming range
On the peak of VMULT
1.45
50
µs
Soft-start
TSS
Activation time
300
µs
VMULTx
Pull-up voltage
10 k
Ω from MULT to GND
4.1
V
Gate driver
VOL
Output low voltage
Isink = 100 mA
0.6
1.2
V
VOH
Output high voltage
Isource = 5 mA
9.8
10.3
V
Isrcpk
Peak source current
-0.6
A
Isnkpk
Peak sink current
0.8
A
tf
Voltage fall time
30
60
ns
tr
Voltage rise time
45
110
ns
VOclamp
Output clamp voltage
Isource = 5 mA; Vcc = 20 V
10
12
15
V
UVLO saturation
VCC = 0 to VCCon, Isink = 2 mA
1.1
V
1. Parameters tracking each other.
2. The multiplier output is given by:
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
 
()
2
5
2
V
CS _O fst
VFF
V
.
COMP
V
MULT
V
K
cs
V
M
−
⋅
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com