Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 31 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 27Page - STMicroelectronics L4984D Datasheet HTML 28Page - STMicroelectronics L4984D Datasheet HTML 29Page - STMicroelectronics L4984D Datasheet HTML 30Page - STMicroelectronics L4984D Datasheet HTML 31Page - STMicroelectronics L4984D Datasheet HTML 32Page - STMicroelectronics L4984D Datasheet HTML 33Page - STMicroelectronics L4984D Datasheet HTML 34Page - STMicroelectronics L4984D Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID024474 Rev 1
31/35
L4984D
Power management and housekeeping functions
Table 6. Summary of L4984D idle states
Condition
Caused or revealed by IC behavior
Restart
condition
Typical IC
consumption
SS
activation
UVLO
VCC < VCCOff
Disabled
VCC > VCCOn
65 µA
Yes
Standby
VPFC_OK < VPFC_OK_D
Stop
switching
VPFC_OK >
VPFC_OK_E
1.5 mA
No
AC brownout VVFF < VDIS
Stop
switching
VVFF > VEN
1.5 mA
Yes
OVP
VPFC_OK > VPFC_OK_S
Stop
switching
VPFC_OK <
VPFC_OK_R
2.2 mA
No
Feedback
failure
VPFC_OK > VPFC_OK_S
AND
VINV < 1.66 V
Latched-off
VCC < VCCrestart
then
VCC > VCCOn
180 µA
Yes
Low
consumption
VCOMP < 2.4 V
Burst mode
VCOMP > 2.4 V
1.8 mA
No
Saturated
boost
inductor
Vcs > VCS_th
Stop
switching
Auto restart
after 300 ìs
4 mA
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com