Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 28 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 24Page - STMicroelectronics L4984D Datasheet HTML 25Page - STMicroelectronics L4984D Datasheet HTML 26Page - STMicroelectronics L4984D Datasheet HTML 27Page - STMicroelectronics L4984D Datasheet HTML 28Page - STMicroelectronics L4984D Datasheet HTML 29Page - STMicroelectronics L4984D Datasheet HTML 30Page - STMicroelectronics L4984D Datasheet HTML 31Page - STMicroelectronics L4984D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
THD optimizer circuit
L4984D
28/35
DocID024474 Rev 1
11
THD optimizer circuit
The L4984D is provided with a special circuit that reduces the conduction dead-angle
occurring at the AC input current near the zero-crossings of the line voltage (crossover
distortion). In this way the THD (total harmonic distortion) of the current is considerably
reduced.
A major cause of this distortion is the inability of the system to transfer energy effectively
when the instantaneous line voltage is very low. This effect is magnified by the high-
frequency filter capacitor placed after the bridge rectifier, which retains some residual
voltage that causes the diodes of the bridge rectifier to be reverse-biased and the input
current flow to temporarily stop.
To overcome this issue the device forces the PFC pre-regulator to process more energy
near the line voltage zero-crossings as compared to that commanded by the control loop.
This results in both minimizing the time interval where energy transfer is lacking and fully
discharging the high-frequency filter capacitor after the bridge.
Figure 35. THD optimizer circuit
AM13250v1
+
+
MULT
COMP
t
@ Vac1
@ Vac2 > Vac1
t
t
to PWM
comparator
MULTIPLIER
OFFSET
GENERATOR
t
VFF
1 / V
2
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com