Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 19 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 15Page - STMicroelectronics L4984D Datasheet HTML 16Page - STMicroelectronics L4984D Datasheet HTML 17Page - STMicroelectronics L4984D Datasheet HTML 18Page - STMicroelectronics L4984D Datasheet HTML 19Page - STMicroelectronics L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics L4984D Datasheet HTML 22Page - STMicroelectronics L4984D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID024474 Rev 1
19/35
L4984D
Application information
Equation 12
Figure 28. Line-modulated fixed-off-time-controlled boost PFC: current waveforms
As a result of the operation of the circuit in Figure 26, the current that the boost PFC pre-
regulator draws from the power line is not exactly sinusoidal but is affected by distortion that
is lower as the current ripple in the boost inductor is smaller as compared to its peak value.
Figure 28
shows some theoretical waveforms, relevant to full load condition, in a line cycle
at different input voltages.
In the diagram on the left-hand side the line (input) current waveform is shown for different
line voltages, while on the right-hand side the envelope of the inductor current at minimum
and maximum line voltage is shown.
The input current waveform relevant to Vin = 88 Vac shows no visible sign of distortion; the
operation of the boost inductor is CCM throughout the entire line cycle as testified by the
inductor current envelope. The brown waveform is relevant to Vin = 190 Vac, which is the
condition where CCM operation no longer occurs at zero-crossings (this voltage value, for a
given power level, depends on the inductance value of the boost inductor); a certain degree
of distortion is already visible.
Vout
Vout
1
Vout
Vout
f
f
sw
sw
Δ
+
Δ
=
Δ
AM13244v1
Line voltage phase angle (rad)
Vin = 88 Vac
Vin = 264 Vac
Vin = 230 Vac
Vin = 190 Vac
Line current
Line voltage phase angle (rad)
Vin = 88 Vac
Vin = 264 Vac
Boost inductor
current envelope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com