Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 14Page - STMicroelectronics L4984D Datasheet HTML 15Page - STMicroelectronics L4984D Datasheet HTML 16Page - STMicroelectronics L4984D Datasheet HTML 17Page - STMicroelectronics L4984D Datasheet HTML 18Page - STMicroelectronics L4984D Datasheet HTML 19Page - STMicroelectronics L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics L4984D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Application information
L4984D
18/35
DocID024474 Rev 1
Along a line half-cycle, TOFF goes all the way from a minimum near the zero-crossing to a
maximum on the sinusoid peak. It is important to check that the off-time occurring on the
peak of the voltage sinusoid at minimum input voltage is greater then the minimum
programmable value:
Equation 9
This constraint limits the maximum programmable frequency at:
Equation 10
As the line RMS voltage is increased and/or the output load is decreased, the boost inductor
current tends to become discontinuous starting from the region around the zero-crossings.
As a result, the switching frequency is no longer constant and tends to increase. However,
the frequency rise is significantly lower as compared to that in a transition-mode (TM)
operated boost PFC stage, as illustrated in Figure 25. The switching frequency can exceed
fsw.max in the region where the inductor current is discontinuous.
Figure 27. Typical frequency change along a line half-cycle in a boost PFC operated
in LM-FOT (left) and TM (right)
In this example the voltage ripple appearing across the output capacitor Cout has been
neglected. This ripple at twice the line frequency fL has peak amplitude
ΔVout proportional
to the output current Iout:
Equation 11
As a consequence, fsw is not exactly constant but is modulated at 2fL, which spreads the
spectrum of the electrical noise injected back into the power line and facilitates the
compliance with conducted EMI emission regulations. The relative frequency change due to
the output voltage ripple is:
s
1.45
Vpk
K
I
C
T
min
P
TIMER
T
min
OFF
μ
>
=
Vout
Vpk
690
f
min
max
.
sw
=
[kHz]
AM13243v1
0
0.52
1.05
1.57
2.09
2.62
3.14
0
1
2
3
4
5
6
7
8
9
0
0.52
1.05
1.57
2.09
2.62
3.14
0.4
0.6
0.8
1
1.2
1.4
1.6
Vin = 88 Vac
Vin = 264 Vac
Vin = 230 Vac
Line voltage phase angle (rad)
Transition -mode operated PFC
Vin = 88 Vac
Vin = 264 Vac
Vin = 230 Vac
Line voltage phase angle (rad)
LM -FOT operated PFC
Vin = 115 Vac
Vin = 115 Vac
Cout
f
4
Iout
Vout
L
π
=
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com