Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 27 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 23Page - STMicroelectronics L4984D Datasheet HTML 24Page - STMicroelectronics L4984D Datasheet HTML 25Page - STMicroelectronics L4984D Datasheet HTML 26Page - STMicroelectronics L4984D Datasheet HTML 27Page - STMicroelectronics L4984D Datasheet HTML 28Page - STMicroelectronics L4984D Datasheet HTML 29Page - STMicroelectronics L4984D Datasheet HTML 30Page - STMicroelectronics L4984D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DocID024474 Rev 1
27/35
L4984D
Inductor saturation detection
10
Inductor saturation detection
Boost inductor hard saturation may be a fatal event for a PFC pre-regulator: the current
upslope becomes so large (50-100 times steeper, see Figure 34) that, during the current
sense propagation delay, the current may reach abnormally high values. The voltage drop
caused by this abnormal current on the sense resistor reduces the gate-to-source voltage,
so that the MOSFET may work in the active region and dissipate a huge amount of power,
which leads to a catastrophic failure after few switching cycles.
However, even a well-designed boost inductor may occasionally saturate when the boost
stage recovers after a missing line cycle. This happens when the restart occurs at an
unfavorable line voltage phase, i.e. when the output voltage is lower than the rectified input
voltage as this reappears. As a result, in the boost inductor the inrush current coming from
the bridge rectifier and going to the output capacitor adds up to the switched current.
Furthermore, there is little or no voltage available for demagnetization.
To cope with a saturated inductor, the L4984D is provided with a second comparator on the
current sense pin (CS, pin 4) that stops the IC if the voltage, normally limited within 0.88 V,
exceeds 1.7 V. After that, the IC is restarted by the internal starter circuitry; the starter
repetition time is low enough (300
μs typ.) to guarantee low stress for the inductor, the
Power MOSFET and the boost diode.
Figure 34. Effect of boost inductor saturation on MOSFET current and detection
method
AM13249v1
Tdelay
DIL
Multiplier
Output
Vcs
t
1.7V
Tdelay
t
Tdelay
t
Inductor not
saturating
Inductor slightly
saturating
Inductor saturating
hard
Multiplier
Output
Multiplier
Output
1.7V
1.7V
DIL
DIL
Vcs
Vcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com