Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 13Page - STMicroelectronics L4984D Datasheet HTML 14Page - STMicroelectronics L4984D Datasheet HTML 15Page - STMicroelectronics L4984D Datasheet HTML 16Page - STMicroelectronics L4984D Datasheet HTML 17Page - STMicroelectronics L4984D Datasheet HTML 18Page - STMicroelectronics L4984D Datasheet HTML 19Page - STMicroelectronics L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID024474 Rev 1
17/35
L4984D
Application information
Figure 26. Line-modulated fixed-off-time modulator: a) internal block diagram; b) key
waveforms
With reference to the schematic and the relevant key waveforms in Figure 26, an off-time
proportional to the instantaneous line voltage is achieved by charging the capacitor CT with
a constant current ITIMER, accurately fixed internally and temperature compensated, while
the MOSFET is off and commanding MOSFET turn-on (and resetting CT at zero) as the
voltage across CT equals that on the MULT pin. The voltage on this pin is:
Equation 5
where KP is the divider ratio of the resistors biasing the MULT pin. As a result:
Equation 6
and the switching frequency is:
Equation 7
The timing capacitor CT, therefore, is selected with the following design formula:
Equation 8
Vout and fsw are design specifications, KP is chosen so that the voltage on the MULT pin is
within the multiplier linearity range (0 to 3 V) and ITIMER is specified in Section 3: Electrical
characteristics
.
AM13242v1
MULT
-
+
C T
ITimer
OFF
ON
0
TIMER
Q
S
R
+
-
PWM
Comparator
Driver
PWM Latch
GD
CS
COMP
Multiplier
GD
CS
S
R
Q
TOFF
TON
Multiplier output
MULT
TIMER
t
t
t
t
t
t
a)
b)
θ
=
sin
Vpk
K
V
P
MULT
P
TIMER
T
t
P
TIMER
T
OFF
K
I
C
K
sin
θ
Vpk
K
I
C
T
=
→
=
Vout
K
1
Vout
C
K
I
T
1
f
t
T
P
TIMER
sw
sw
=
=
=
sw
P
TIMER
T
f
Vout
K
I
C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com