Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 30 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 26Page - STMicroelectronics L4984D Datasheet HTML 27Page - STMicroelectronics L4984D Datasheet HTML 28Page - STMicroelectronics L4984D Datasheet HTML 29Page - STMicroelectronics L4984D Datasheet HTML 30Page - STMicroelectronics L4984D Datasheet HTML 31Page - STMicroelectronics L4984D Datasheet HTML 32Page - STMicroelectronics L4984D Datasheet HTML 33Page - STMicroelectronics L4984D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Power management and housekeeping functions
L4984D
30/35
DocID024474 Rev 1
12
Power management and housekeeping functions
A communication line with the control IC of the cascaded DC-DC converter can be
established via the disable function included in the PFC_OK pin (see Section 7: Feedback
failure detection (FFD)
for more details). Typically this line is used to allow the PWM
controller of the cascaded DC-DC converter to shut down the L4984D in case of light load
and to minimize the no-load input consumption. Should the residual consumption of the chip
be an issue, it is also possible to cut down the supply voltage. Interface circuits like those
are shown in Figure 37. Needless to say, this operation assumes that the cascaded DC-DC
converter stage works as the master and the PFC stage as the slave or, in other words, that
the DC-DC stage starts first; it powers both controllers and enables/disables the operation of
the PFC stage.
Figure 37. Interface circuits that let DC-DC converter controller IC disable the L4984D
Another available function is brownout protection, which is basically a not-latched shutdown
function that is activated when a condition of mains undervoltage is detected. This condition
may cause overheating of the primary power section due to an excess of RMS current.
Brownout can also cause the PFC pre-regulator to work in open loop, which may be
dangerous to the PFC stage itself and the downstream converter, should the input voltage
return abruptly to its rated value. Another problem is the spurious restarts that may occur
during converter power-down and that cause the output voltage of the converter to not
decay to zero monotonically. For these reasons it is usually preferable to shut down the unit
in the case of brownout. The brownout threshold is internally fixed at 0.8 V and is sensed on
the VFF pin while the voltage is falling. An 80 mV hysteresis prevents rebounding at input
voltage turn-off.
The soft-start function is performed by PFC_OK enable threshold (VPFC_OK_E) only at
startup, but not on the following activations, to ensure a proper burst-mode operation (as
described in Figure 33). For this reason pin MULT is suggested to be used as remote
ON/OFF control.
In Table 6 it is possible to find a summary of all of the above mentioned working conditions
that cause the device to stop operating.
AM13252v1
L6566A
V
CC_PFC
6
L4984D
V
CC
10
V
CC
5
L6599A
PFC_STOP
9
L4984D
PFC_OK 6
L6591
PFC_STOP
8
L4984D
PFC_OK
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com