Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 24 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics L4984D Datasheet HTML 22Page - STMicroelectronics L4984D Datasheet HTML 23Page - STMicroelectronics L4984D Datasheet HTML 24Page - STMicroelectronics L4984D Datasheet HTML 25Page - STMicroelectronics L4984D Datasheet HTML 26Page - STMicroelectronics L4984D Datasheet HTML 27Page - STMicroelectronics L4984D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Voltage feedforward
L4984D
24/35
DocID024474 Rev 1
both surges and drops. A capacitor CFF and a resistor RFF, connected from the VFF pin to
ground, complete an internal peak-holding circuit that provides a DC voltage equal to the
peak of the voltage applied on the MULT pin. In this way, in case of sudden line voltage rise,
CFF is rapidly charged through the low impedance of the internal diode; in case of line
voltage drop, an internal “mains drop” detector enables a low impedance switch that
suddenly discharges CFF, therefore reducing the settling time needed to reach the new
voltage level. The discharge of CFF is stopped when either its voltage equals the voltage on
the MULT pin or the voltage on the VFF pin falls below 0.88 V, to prevent the “brownout
protection” function from being improperly activated (see Section 12: Power management
and housekeeping functions
). With this functionality, an acceptably low steady-state ripple of
the VFF voltage (and, then, low current distortion) can be achieved with a limited
undershoot or overshoot on the pre-regulator output during line transients.
The twice-mains-frequency (2
⋅ fL) ripple appearing across CFF is triangular with peak-to-
peak amplitude that, with good approximation, is given by:
Equation 13
where fL is the line frequency. The amount of 3rd harmonic distortion introduced by this
ripple, related to the amplitude of its 2
⋅ fL component, is:
Equation 14
Figure 32
shows a diagram that helps choose the time constant RFF·CFF based on the
amount of maximum desired 3rd harmonic distortion. Note, however, that there is a
minimum value for the time constant RFF·CFF below which improper activation of the VFF
fast discharge may occur. In fact, the twice-mains-frequency ripple across CFF under
steady-state conditions must be lower than the minimum line drop detection threshold
(
ΔVVFF_min = 40 mV). Therefore:
Equation 15
Always connect RFF and CFF to the pin; the IC does not work properly if the pin is left
floating or may be damaged if connected directly to ground.
FF
FF
L
MULTpk
FF
C
R
f
4
1
V
2
V
+
=
Δ
FF
FF
L
3
C
R
f
2
100
%
D
π
=
min
_
L
min
_
VFF
max
_
MULTpk
FF
FF
f
4
1
V
V
2
C
R
−
Δ
>
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com