Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 8Page - STMicroelectronics L4984D Datasheet HTML 9Page - STMicroelectronics L4984D Datasheet HTML 10Page - STMicroelectronics L4984D Datasheet HTML 11Page - STMicroelectronics L4984D Datasheet HTML 12Page - STMicroelectronics L4984D Datasheet HTML 13Page - STMicroelectronics L4984D Datasheet HTML 14Page - STMicroelectronics L4984D Datasheet HTML 15Page - STMicroelectronics L4984D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Typical electrical performance
L4984D
12/35
DocID024474 Rev 1
4
Typical electrical performance
Figure 3. IC consumption vs. VCC
Figure 4. IC consumption vs. Tj
AM13219v1
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
Vcc [V]
VccOFF
VccON
Co=1nF
f =70kHz
Tj = 25 C
AM13220v1
0.01
0.1
1
10
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
Operating
Quiescent
Disabled or
during OVP
Latched off
Before Start up
VCC=12V
Co = 1nF
f =70kHz
Figure 5. VCC Zener voltage vs. Tj
Figure 6. Startup & UVLO vs. Tj
AM13221v1
22
23
24
25
26
27
28
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
AM13222v1
6
7
8
9
10
11
12
13
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC-ON
VCC-OFF
Figure 7. Feedback reference vs. Tj
Figure 8. E/A output clamp levels vs. Tj
AM13223v1
2.4
2.45
2.5
2.55
2.6
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
AM13224v1
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
Uper Clamp
Lower Clamp
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com