Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 23 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 19Page - STMicroelectronics L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics L4984D Datasheet HTML 22Page - STMicroelectronics L4984D Datasheet HTML 23Page - STMicroelectronics L4984D Datasheet HTML 24Page - STMicroelectronics L4984D Datasheet HTML 25Page - STMicroelectronics L4984D Datasheet HTML 26Page - STMicroelectronics L4984D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID024474 Rev 1
23/35
L4984D
Voltage feedforward
8
Voltage feedforward
The power stage gain of PFC pre-regulators varies with the square of the RMS input
voltage. So does the crossover frequency fc of the overall open-loop gain because the gain
has a single pole characteristic. This leads to large trade-offs in the design.
For example, setting the gain of the error amplifier to get fc = 20 Hz at 264 Vac means
having fc = 4 Hz at 88 Vac, resulting in a sluggish control dynamics. Additionally, the slow
control loop causes large transient current flow during rapid line or load changes that are
limited by the dynamics of the multiplier output. This limit is considered when selecting the
sense resistor to let the full load power pass under minimum line voltage conditions, with
some margin. But a fixed current limit allows excessive power input at high line, whereas a
fixed power limit requires the current limit to vary inversely with the line voltage.
Input voltage feedforward compensates for the gain variation with the line voltage and
allows all of the above-mentioned issues to be minimized. It consists of deriving a voltage
proportional to the input RMS voltage, feeding this voltage into a squarer/divider circuit
(1/V2 corrector) and providing the resulting signal to the multiplier that generates the current
reference for the inner current control loop (see Figure 31).
Figure 31. Voltage feedforward: squarer-divider (1/V2) block diagram and transfer
characteristic
In this way, if the line voltage doubles the amplitude of the multiplier, output is halved and
vice versa, so that the current reference is adapted to the new operating conditions with
(ideally) no need to invoke the slow response of the error amplifier. Additionally, the loop
gain is constant throughout the input voltage range, which improves significantly dynamic
behavior at low line and simplifies loop design.
Actually, deriving a voltage proportional to the RMS line voltage implies a form of integration,
which has its own time constant. If it is too small, the voltage generated is affected by a
considerable amount of ripple at twice the mains frequency that causes distortion of the
current reference (resulting in high THD and poor PF); if it is too large there is a
considerable delay in setting the right amount of feedforward, resulting in excessive
overshoot and undershoot of the pre-regulator output voltage in response to large line
voltage changes. Clearly, a trade-off is required.
The L4984D realizes a new voltage feedforward that, using just two external parts, strongly
minimizes this time constant trade-off issue whichever voltage change occurs on the mains,
AM13248v1
01
2
3
4
0
0.5
1
1.5
2
VFF=VMULT
Vcsx
0.8
VCOMP=4V
Actual
Ideal
5
MULT
3
Rectified mains
"ideal" diode
current
reference
(Vcsx)
9.5V
VFF
CFF
RFF
E/A output
(VCOMP)
-
+
1/V
2
MULTIPLIER
L4984D
DETECTOR
MAINS DROP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com