Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 18Page - STMicroelectronics L4984D Datasheet HTML 19Page - STMicroelectronics L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics L4984D Datasheet HTML 22Page - STMicroelectronics L4984D Datasheet HTML 23Page - STMicroelectronics L4984D Datasheet HTML 24Page - STMicroelectronics L4984D Datasheet HTML 25Page - STMicroelectronics L4984D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Feedback failure detection (FFD)
L4984D
22/35
DocID024474 Rev 1
7
Feedback failure detection (FFD)
The OVP function handles “normal” overvoltage conditions, i.e. those resulting from an
abrupt load/line change or occurring at startup. If the overvoltage is generated by a
feedback failure, for instance when the upper resistor of the output divider (R1) fails open,
eventually the error amplifier output (COMP) saturates high and the voltage on its inverting
input (INV) drops from its steady-sate value (2.5 V). An additional comparator monitors the
voltage on the INV pin, comparing it against a reference located at 1.66 V. When the voltage
on pin PFC_OK exceeds 2.5 V and, simultaneously, that on the INV pin falls below 1.66 V,
the FFD function is triggered: the gate drive activity is immediately stopped, the device is
shut down and its quiescent consumption reduced. This condition is latched and to restart
the IC it is necessary to recycle the input power, so that the VCC voltage goes below 6 V.
The pin PFC_OK doubles its function as a not-latched IC disable: a voltage below 0.23 V
shuts down the IC, reducing its consumption below 2 mA. To restart, simply let the voltage
on the pin go above 0.27 V. Note that these functions offer complete protection against not
only feedback loop failures or erroneous settings, but also against a failure of the protection
itself. Either resistor of the PFC_OK divider failing short or open or a pin PFC_OK floating
results in shutting down the IC and stopping the pre-regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com