Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4984D Datasheet(PDF) 20 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 16Page - STMicroelectronics L4984D Datasheet HTML 17Page - STMicroelectronics L4984D Datasheet HTML 18Page - STMicroelectronics L4984D Datasheet HTML 19Page - STMicroelectronics L4984D Datasheet HTML 20Page - STMicroelectronics L4984D Datasheet HTML 21Page - STMicroelectronics L4984D Datasheet HTML 22Page - STMicroelectronics L4984D Datasheet HTML 23Page - STMicroelectronics L4984D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Application information
L4984D
20/35
DocID024474 Rev 1
Figure 29. Line-modulated fixed-off-time-controlled boost PFC: input current
harmonic contents
The waveform relevant to Vin = 264 Vac shows the highest degree of distortion and the
largest portion of the line cycle where boost inductor operates in discontinuous mode
(DCM). However, its harmonic content, shown in Figure 29, is still so low that it is not an
issue for EMC compliance. Almost all the distortion is concentrated in the third harmonic,
whose amplitude is 17% of the fundamental one, while the THD is 17.7%.
AM13245v1
Vin = 264Vac
THD = 17.7%
Harmonic order (n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com