Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 100Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 101Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 102Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 103Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 104Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 105Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 106Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 107Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 221 page
background image
104
www.national.com
3.6.9
The PERPENDICULAR MODE
Command
The PERPENDICULAR MODE command configures each of the four logical disk drives for perpendicular or
conventional mode via the logical drive configuration bits 1,0 or 5-2, depending on the value of bit 7. The default
mode is conventional. Therefore, if the drives in the system are conventional, it is not necessary to issue a PER-
PENDICULAR MODE command.
This command supports the unique FORMAT TRACK and WRITE DATA requirements of perpendicular (verti-
cal) recording disk drives with a 4 MB unformatted capacity.
Perpendicular recording drives operate in extra high density mode at 1 or 2 Mbps, and are downward compatible
with 1.44 MB and 720 KB drives at 500 kbps (high density) and 250 kbps (double density), respectively.
If the system includes perpendicular drives, this command should be issued during initialization of the FDC.
Then, when a drive is accessed for a FORMAT TRACK or WRITE DATA command, the FDC adjusts the com-
mand parameters based on the data rate. See Table 49.
Precompensation is set to zero for perpendicular drives at any data rate.
Perpendicular recording type disk drives have a pre-erase head that leads the read or write head by 200
µm,
which translates to 38 bytes at a 1 Mbps data transfer rate (19 bytes at 500 Kbps).
The increased space between the two heads requires a larger gap 2 between the address field and data field
of a sector at 1 or 2 Mbps. See Perpendicular Format in Figure 58. A gap 2 length of 41 bytes (at 1 or 2 Mbps)
ensures that the preamble in the data field is completely pre-erased by the pre-erase head.
Also, during WRITE DATA operations to a perpendicular drive, a portion of gap 2 must be rewritten by the con-
troller to guarantee that the data field preamble has been pre-erased. See Table 49.
Command Phase
TABLE 49. Effect of Drive Mode and Data Rate on FORMAT TRACK and WRITE DATA Commands
TABLE 50. Effect of GDC Bits on FORMAT TRACK and WRITE DATA Commands
7654
3210
0001
0010
OW
0
DC3
DC2
DC1
DC0
GDC
Data Rates
Drive Mode
Length of Gap 2 in
FORMAT TRACK Command
Portion of Gap 2 Rewritten in
WRITE DATA Command
250, 300 or 500 Kbps
Conventional
Perpendicular
22 bytes
22 bytes
0 bytes
19 bytes
1 or 2 Mbps
Conventional
Perpendicular
22 bytes
41 bytes
0 bytes
38 bytes
GDC Bits
Drive Mode
Length of Gap 2 in
FORMAT TRACK Command
Portion of Gap 2 Rewritten in
WRITE DATA Command
1
0
0
0
Conventional
22 bytes
0 bytes
0
1
Perpendicular (
≤500 Kbps)
22 bytes
19 bytes
1
0
Conventional
22 bytes
0 bytes
1
1
Perpendicular (1 or 2 Mbps)
41 bytes
38 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com