Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 103Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 104Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 105Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 106Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 107Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 108Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 109Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 110Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 221 page
background image
107
www.national.com
If the track address differs, either the Wrong Track
bit (bit 4) or the Bad Track bit (bit 1) (if the track ad-
dress is FF hex) is set in result phase Status reg-
ister 2 (ST2). See Section 3.5.3 on page 90.
If the head number, sector number or bytes-per-
sector code did not match, the Missing Data bit (bit
2) is set in result phase Status register 1 (ST1).
If the Address Mark (AM) was not found, the Miss-
ing Address Mark bit (bit 0) is set in ST1.
Section 3.5.2 on page 89 describes the bits of
ST1.
• A CRC error was detected in the address field. In
this case the CRC Error bit (bit 5) is set in ST1.
Once the address field of the desired sector is found,
the controller waits for the data separator to find the
data field for that sector.
If the data field (normal or deleted) is not found within
the expected time, the controller terminates the oper-
ation, enters the result phase and sets bit 0 (Missing
Address Mark) in ST1.
If a deleted data mark is found, and Skip (SK) control
is set to 1 in the opcode command phase byte, the
controller skips this sector and searches for the next
sector address field as described above. The effect of
Skip Control (SK) on the READ DATA command is
summarized in Table 51.
TABLE 51. Skip Control Effect on READ DATA
Command
After finding the data field, the controller transfers
data bytes from the disk drive to the host until the
bytes-per-sector count has been reached, or until the
host terminates the operation by issuing the Terminal
Count (TC) signal, reaching the end of the track or re-
porting an overrun.
See also, Section “The Phases of FDC Commands”
on page 85.
The controller then generates a Cyclic Redundancy
Check (CRC) value for the sector and compares the
result with the CRC value at the end of the data field.
After reading the sector, the controller reads the next
logical sector unless one or more of the following ter-
mination conditions occurs:
• The DMA controller asserted the Terminal Count
(TC) signal to indicate that the operation terminat-
ed. The Interrupt Code (IC) bits (bits 7,6) in ST0
are set to normal termination (00). See page 89.
• The last sector address (of side 1, if the Multi-
Track enable bit (MT) was set to 1) was equal to
the End of Track sector number. The End of Track
bit (bit 7) in ST1 is set. The IC bits in ST0 are set
to abnormal termination (01). This is the expected
condition during non-DMA transfers.
• Overrun error. The Overrun bit (bit 4) in ST1 is set.
The Interrupt Code (IC) bits (bits 7,6) in ST0 are
set to abnormal termination (01). If the micropro-
cessor cannot service a transfer request in time,
the last correctly read byte is transferred.
• CRC error. CRC Error bit (bit 5) in ST1 and CRC
Error in Data Field bit (bit 5) in ST2, are set. The
Interrupt Code (IC) bits (bits 7,6) in ST0 are set to
abnormal termination (01).
If the Multi-Track (MT) bit was set in the opcode com-
mand byte, and the last sector of side 0 has been
transferred, the controller continues with side 1.
Result Phase
Upon terminating the execution phase of the READ
DATA command, the controller asserts IRQ6, indicat-
ing the beginning of the result phase. The micropro-
cessor must then read the result bytes from the FIFO.
The values that are read back in the result bytes are
shown in Table 52. If an error occurs, the result bytes
indicate the sector read when the error occurred.
Skip
Control
(SK)
Data
Type
Sector
Read?
Control
Mark Bit 6
of ST2
Result
0Normal
Y
0
Normal
Termination
0
Deleted
Y
1
No More
Sectors Read
1Normal
Y
0
Normal
Termination
1
Deleted
N
1
Sector
Skipped
76
5432
10
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com