Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 104Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 105Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 106Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 107Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 108Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 109Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 110Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 111Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 221 page
background image
108
www.national.com
TABLE 52. Result Phase Termination Values with No Error
Multi-Track
(MT)
Head #
(HD)
End of Track
(EOT) Sector
Number
ID Information in Result Phase
Track
Number
Head
Number
Sector
Number
Bytes-per-Sector
Code
00
< EOT
a Sector #
a. End of Track sector number from the command phase.
No Change
No Change Sector
b # + 1
b. The number of the sector last operated on by controller.
No Change
00
= EOT
a Sector #
Track
c # + 1
c. Track number programmed in the command phase
No Change
1
No Change
01
< EOT
a Sector #
No Change
No Change Sector
b # + 1
No Change
01
= EOT
a Sector #
Track
c # + 1 No Change
1
No Change
10
< EOT
a Sector #
No Change
No Change Sector
b # + 1
No Change
10
= EOT
a Sector #
No Change
1
1
No Change
11
< EOT
a Sector #
No Change
No Change Sector
b # + 1
No Change
11
= EOT
a Sector #
Track
c # + 1
0
1
No Change
3.6.11 The READ DELETED DATA
Command
The READ DELETED DATA command reads logical
sectors containing a Address Mark (AM) for deleted
data from the selected drive and makes the data
available to the host microprocessor.
This command is like the READ DATA command, ex-
cept for the setting of the Control Mark bit (bit 6) in
ST2 and the skipping of sectors. See description of
execution phase.
Command Phase
See READ DATA command for a description of the
command bytes.
Execution Phase
Data read from disk drive is transferred to the system
in DMA or non-DMA modes. See Section 3.4.2 on
page 85.
The effect of Skip Control (SK) on the READ DELET-
ED DATA command is summarized in Table 53.
TABLE 53. SK Effect on READ DELETED DATA
Command
7654
3210
MT
MFM
SK
0
1100
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)
Skip
Control
(SK)
Data
Type
Sector
Read?
Control
Mark Bit 6
of ST2
Result
0
Normal
Y
1
No More
Sectors Read
0
Deleted
Y
0
Normal
Termination
1
Normal
N
1
Sector
Skipped
1
Deleted
Y
0
Normal
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com