Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 6 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 2Page - STMicroelectronics A6727 Datasheet HTML 3Page - STMicroelectronics A6727 Datasheet HTML 4Page - STMicroelectronics A6727 Datasheet HTML 5Page - STMicroelectronics A6727 Datasheet HTML 6Page - STMicroelectronics A6727 Datasheet HTML 7Page - STMicroelectronics A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics A6727 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical specifications
A6727
6/29
DocID025003 Rev 1
2.2
Thermal data
Table 3. Thermal data
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction-to-ambient (1)
1.
The component is mounted on a 2S2P board in free air (6.7 cm x 6.7 cm, 35 mm (P) and 17.5 mm (S)
copper thickness).
85
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 150
°C
Symbol
Parameter
Value
Unit
VCC
to GND
-0.3 to 15
V
VBOOT
to PHASE
to GND
15
45
V
VUGATE
to PHASE
to PHASE; t < 50 ns
to GND
-0.3 to (VBOOT - VPHASE) + 0.3
-1
VBOOT + 0.3
V
VPHASE
to GND
-8 to 30
V
VLGATE
to GND
to GND; t < 50 ns
-0.3 to VCC + 0.3
-1
V
COMP to GND
-0.3 to 7
V
FB to GND
-0.3 to 3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com