Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 23 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 19Page - STMicroelectronics A6727 Datasheet HTML 20Page - STMicroelectronics A6727 Datasheet HTML 21Page - STMicroelectronics A6727 Datasheet HTML 22Page - STMicroelectronics A6727 Datasheet HTML 23Page - STMicroelectronics A6727 Datasheet HTML 24Page - STMicroelectronics A6727 Datasheet HTML 25Page - STMicroelectronics A6727 Datasheet HTML 26Page - STMicroelectronics A6727 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID025003 Rev 1
23/29
A6727
Application information
10.2
Output capacitors
Output capacitor choice depends on the output voltage ripple and the output voltage
deviation during a load transient.
During steady-state conditions, the output voltage ripple is influenced by both ESR and
capacitive value of the output capacitors as follows:
Equation 9
Equation 10
Where
ΔIL is the inductor current ripple. Since they are not in phase, the total ripple is lower
than the sum of their modules. Both ESL and board parasitic inductance can contribute to
the output ripple significantly.
During a load variation, the output capacitors supply the load with the current or absorb the
current in excess delivered by the inductor until converter reaction is completed. In fact,
even if the controller reacts immediately to the load transient saturating the duty cycle to
80% or 0%, the current slew rate is limited by the inductance. The output voltage drop,
based on ESR and capacitive charge/discharge and considering an ideal load-step, can be
estimated as follows:
Equation 11
Equation 12
Where
ΔVL is the voltage applied to the inductor during the transient (
for the load appliance or VOUT for the load removal).
MLCC capacitors typically have low ESR to minimize the ripple but also have low
capacitance which doesn’t minimize the voltage deviation during the load transient. On
contrary, electrolytic capacitors usually have higher capacitance to minimize capacitive
voltage deviation during the load transient, but also higher ESR value resulting in higher
ripple voltage and resistive voltage drop. For these reasons, a mix between the electrolytic
and MLCC capacitor is suggested so to minimize the ripple and reduce the voltage deviation
in dynamic mode.
ΔV
OUT_ESR
ΔI
L
ESR
⋅
=
ΔV
OUT_C
ΔI
L
1
8C
OUT
F
SW
⋅⋅
---------------------------------------
⋅
=
ΔV
OUT_ESR
ΔI
OUT
ESR
⋅
=
ΔV
OUT_C
L
ΔI
OUT
2
⋅
2C
OUT
ΔV
L
⋅⋅
--------------------------------------
=
D
MAX
V
IN
V
OUT
–
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com